Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 9Page - STMicroelectronics VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
13/60
VV6501
Functional Description
The line code absolute value depends on whether 5-wire or 4-wire output mode has been selected,
as shown in
Table 3.
Figure 9: Line code format
Table 3: Line codes
Line code
5-b Nibbles
4-b Nibbles
Line codes at beginning of line
Start of Frame
31CH (79610)C7H (19910)
Blank Line (BL)
274H (62810)9DH (15710)
Black or Dark line (BK)
2ACH (68410)ABH (17110)
Visible Line (VL)
2D8H (72810)B6H (18210)
Last line in Frame
368H (87210)DAH (21810)
Line Code at end of line
End of Line
200H (51210)80H (12810)
Line code
see
Table 3
Supplementary data
At start of line: Line number (L11 MSB)
Odd
word
parity
0
1
2
3
4
5
6
7
Bit
L11
0
L10 L9
L7
L8
L6
P
Nibble D2
Nibble D3
0
1
2
3
4
5
6
7
Bit
L5
0
L4
L3
L1
L2
L0
P
Nibble D0
Nibble D1
4-wire output
mode
Escape/sync sequence
D0
D1
D2
D3
YH
XH
0H
0H
FH
FH
FH
FH
5-wire output
mode
00H
00H
1FH
1FH
1FH
1FH
(ii) All other lines: Line Average (Av7 MSB)
Nibble D2
Nibble D3 = FH
Nibble D0
Nibble D1
Av6
Av7
Av5 Av4
Av2
Av3
Av1 Av0
0
0
0
0
1
0
1
1
(i) First (Start of Frame) line: Frame Count (Fc7: MSB)
Nibble D2
Nibble D3 = FH
Nibble D0
Nibble D1
Fc6
Fc7
Fc5 Fc4
Fc2
Fc3
Fc1 Fc0
0
0
0
0
1
0
1
1
At the end of the lines there are 2 possibilities:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com