Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 39 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39/60
VV6501
I2C Registers
[0x20] - Fine exposure MSB
[0x21] - Fine exposure LSB
[0x22] - Coarse exposure MSB
[0x23] - Coarse exposure LSB
[0x24] - Analogue gain/ offset
Bit
Function
Default
Comment
[7:2]
RESERVED
[1:0]
Fine Exposure [9:8]
0
Bit
Function
Default
Comment
[7:0]
Fine Exposure [7:0]
0
Bit
Function
Default
Comment
[7:2]
RESERVED
[1:0]
Coarse Exposure [9:8]
0x2
Bit
Function
Default
Comment
[7:0]
Coarse Exposure [7:0]
0xA
Default = 522
Bit
Function
Default
Comment
[7:4]
RESERVED
[3:0]
GAIN [3:0]
0
0000 = 1.0, Min. Gain = (0dB)
0001 = 1.06
0010 = 1.14
0011 = 1.23
0100 = 1.33
0101 = 1.45
0110 = 1.60
0111 = 1.78
1000 = 2.0
1001 = 2.29
1010 = 2.67
1011 = 3.2
1100 = 4.0
1101 = 5.33
1110 = 8.0
1111 = 16, Max Gain = (24dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com