Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics VV6501 Datasheet HTML 23Page - STMicroelectronics VV6501 Datasheet HTML 24Page - STMicroelectronics VV6501 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21/60
VV6501
Functional Description
The available range of exposure (without using clock division) is shown in
Table 7.
3.1.12 Gain timing and exposure updates
Exposure and gain values are re-timed within the sensor to ensure that a new set of values is only
applied to the sensor array at the start of each frame. Bit 0 of the status register is set high when a
new exposure value is written via the serial interface but has not yet been applied to the sensor
array.
There is a 1 frame latency between a new exposure value being applied to the sensor array and the
results of the new exposure value being read-out. The same latency does not exist for the gain
value. To ensure that the new exposure and gain values are aligned up correctly the sensor delays
the application of the new gain value by one frame relative to the application of the new exposure
value.
To eliminate the possibility of the sensor array seeing only part of the new exposure and gain
settings, if the serial interface communication extends over a frame boundary, the internal re-timing
of exposure and gain data is disabled while writing data to any location in the exposure page of the
serial interface register map. Thus, if the 5 bytes of exposure and gain data is sent as an auto-
increment sequence, it is not possible for the sensor to consume only part of the new exposure and
gain data.
Table 7: Exposure ranges [24MHz system clock]
Range
Coarse
(no. lines)
Line length
(no. pixels)
Fine
(no. pixels)
Exposure
No. pixels
Time
Min.
0
762
11
0
0.92 µs
Max (default-VGA)
522
762
762
400,050
33.2 ms
Max (available)
1023
1023
1023
10232 + 1023
87.3 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com