Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100H3LL- Datasheet(PDF) 1 Page - STMicroelectronics

Part # 100H3LL-
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100H3LL- Datasheet(HTML) 1 Page - STMicroelectronics

  100H3LL- Datasheet HTML 1Page - STMicroelectronics 100H3LL- Datasheet HTML 2Page - STMicroelectronics 100H3LL- Datasheet HTML 3Page - STMicroelectronics 100H3LL- Datasheet HTML 4Page - STMicroelectronics 100H3LL- Datasheet HTML 5Page - STMicroelectronics 100H3LL- Datasheet HTML 6Page - STMicroelectronics 100H3LL- Datasheet HTML 7Page - STMicroelectronics 100H3LL- Datasheet HTML 8Page - STMicroelectronics 100H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2005
STSJ100NH3LL
N-CHANNEL 30 V - 0.0032
Ω - 25 A PowerSO-8™
STripFET™ III MOSFET FOR DC-DC CONVERSION
Table 1: General Features
■
TYPICAL RDS(on) = 0.0032Ω @ 10V
■
OPTIMAL RDS(on) x Qg TRADE-OFF @ 4.5V
■
SWITCHING LOSSES REDUCED
■
LOW THRESHOLD DEVICE
■
IMPROVED JUNCTION-CASE THERMAL
RESISTANCE
DESCRIPTION
The STSJ100NH3LL utilizes the latest advanced
design rules of ST’s proprietary STripFET™ tech-
nology. This process coupled to unique metalliza-
tion techniques realizes the most advanced low
voltage MOSFET in SO-8 ever produced. The ex-
posed slug reduces the Rthj-c improving the cur-
rent capability.
APPLICATIONS
■
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS FOR MOBILE PCs
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STSJ100NH3LL
30V
< 0.0035
Ω
25A
PowerSO-8™
DRAIN CONTACT ALSO ON THE BACKSIDE
SALES TYPE
MARKING
PACKAGE
PACKAGING
STSJ100NH3LL
100H3LL-
PowerSO-8
TAPE & REEL
Rev. 5


Similar Part No. - 100H3LL-

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
100HBAW GAPTEC-100HBAW Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100HBAW4_1203S1.5 GAPTEC-100HBAW4_1203S1.5 Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100HBAW4_1205S1.5 GAPTEC-100HBAW4_1205S1.5 Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100HBAW4_1212S1.5 GAPTEC-100HBAW4_1212S1.5 Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
100HBAW4_1215S1.5 GAPTEC-100HBAW4_1215S1.5 Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
More results

Similar Description - 100H3LL-

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET™ II MOSFET FOR DC-DC CONVERSION
Mar-2003
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET™ III MOSFET FOR DC-DC CONVERSION
19-Nov-2007
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Sep-2003
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
Oct-2003
STSJ60NH3LL STMICROELECTRONICS-STSJ60NH3LL Datasheet
283Kb / 12P
N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
12-Apr-2006
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
19-Nov-2007
STSJ80N4LLF3 STMICROELECTRONICS-STSJ80N4LLF3 Datasheet
298Kb / 12P
N-channel 40V - 0.0042Ω - 18A - PowerSO-8??STripFET™III Power MOSFET for DC-DC conversion
22-Nov-2006
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
19-Nov-2007
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
N-channel 30 V - 0.004 Ω - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
12-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com