Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100H3LL- Datasheet(PDF) 5 Page - STMicroelectronics

Part # 100H3LL-
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100H3LL- Datasheet(HTML) 5 Page - STMicroelectronics

  100H3LL- Datasheet HTML 1Page - STMicroelectronics 100H3LL- Datasheet HTML 2Page - STMicroelectronics 100H3LL- Datasheet HTML 3Page - STMicroelectronics 100H3LL- Datasheet HTML 4Page - STMicroelectronics 100H3LL- Datasheet HTML 5Page - STMicroelectronics 100H3LL- Datasheet HTML 6Page - STMicroelectronics 100H3LL- Datasheet HTML 7Page - STMicroelectronics 100H3LL- Datasheet HTML 8Page - STMicroelectronics 100H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
STSJ100NH3LL
Figure 9: Gate Charge vs Gate-source Voltage
Figure 10: Normalized Gate Thereshold Volt-
age vs Temperature
Figure 11: Normalized On Resistance vs Tem-
perature
Figure 12: Capacitance Variations
Figure 13: Normalized BVDSS vs Temperature
Figure 14: Source-Drain Diode Forward Char-
acteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com