Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100H3LL- Datasheet(PDF) 2 Page - STMicroelectronics

Part # 100H3LL-
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100H3LL- Datasheet(HTML) 2 Page - STMicroelectronics

  100H3LL- Datasheet HTML 1Page - STMicroelectronics 100H3LL- Datasheet HTML 2Page - STMicroelectronics 100H3LL- Datasheet HTML 3Page - STMicroelectronics 100H3LL- Datasheet HTML 4Page - STMicroelectronics 100H3LL- Datasheet HTML 5Page - STMicroelectronics 100H3LL- Datasheet HTML 6Page - STMicroelectronics 100H3LL- Datasheet HTML 7Page - STMicroelectronics 100H3LL- Datasheet HTML 8Page - STMicroelectronics 100H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STSJ100NH3LL
2/11
Table 3: Absolute Maximum ratings
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On /Off
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VGS
Gate- source Voltage
± 16
V
ID(2)
Drain Current (continuous) at TC = 25°C
100
A
ID(1)
Drain Current (continuous) at TC = 25°C
25
A
ID
Drain Current (continuous) at TC = 100°C
15.6
A
IDM(3)
Drain Current (pulsed)
100
A
Ptot(2)
Total Dissipation at TC = 25°C
70
W
Ptot(1)
Total Dissipation at TC = 25°C
3
W
Rthj-c
Rthj-pcb(4)
Tj
Tstg
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Maximum Operating Junction Temperature
Storage Temperature
Max
Max
1.8
42
150
-55 to 150
°C/W
°C/W
°C
°C
Symbol
Parameter
Max Value
Unit
IAV
Not-Repetitive Avalanche Current
(pulse width limited by Tj max)
12.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAV, VDD = 24 V)
1.3
J
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS =Max Rating ,TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 12.5A
VGS = 4.5V, ID = 12.5A
0.0032
0.004
0.0035
0.005
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com