Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C210 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 16Page - SMSC Corporation USB97C210 Datasheet HTML 17Page - SMSC Corporation USB97C210 Datasheet HTML 18Page - SMSC Corporation USB97C210 Datasheet HTML 19Page - SMSC Corporation USB97C210 Datasheet HTML 20Page - SMSC Corporation USB97C210 Datasheet HTML 21Page - SMSC Corporation USB97C210 Datasheet HTML 22Page - SMSC Corporation USB97C210 Datasheet HTML 23Page - SMSC Corporation USB97C210 Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 21
Revision 1.5 (11-05-03)
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IO-U
(Note 2)
Supply Current Unconfigured
ICCINIT
80
60
mA
VDD, VDDP = 2.5V
VDDA, VDDIO = 3.3V
Supply Current Active
ICC
80
60
100
70
mA
VDD, VDDP = 2.5V
VDDA, VDDIO = 3.3V
Supply Current Standby
ICSBY
4
2
170
130
µA
VDD, VDDP = 2.5V
VDDA, VDDIO = 3.3V
Note 1: Output leakage is measured with the current pins in high impedance.
Note 2: See Appendix A for USB DC electrical characteristics.
Note 3: Unconfigured and Operating Supply currents are measured in HS mode.
Note 4: Standby currents are measured in optimum board configuration and vary depending on system
configuration.
Table 6.2 - Capacitance TA = 25°C; fc = 1MHz; VDD = 2.5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB pins
(and pins under test tied
to AC ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com