Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C210 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 5Page - SMSC Corporation USB97C210 Datasheet HTML 6Page - SMSC Corporation USB97C210 Datasheet HTML 7Page - SMSC Corporation USB97C210 Datasheet HTML 8Page - SMSC Corporation USB97C210 Datasheet HTML 9Page - SMSC Corporation USB97C210 Datasheet HTML 10Page - SMSC Corporation USB97C210 Datasheet HTML 11Page - SMSC Corporation USB97C210 Datasheet HTML 12Page - SMSC Corporation USB97C210 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 9
Revision 1.5 (11-05-03)
DATASHEET
Table 2.2 - 128 Pin QFP
PIN #
NAME
MA
PIN #
NAME
MA
PIN #
NAME
MA PIN #
NAME
MA
4
MA1
8
36
MS_SDIO
8
68
CF_IORDY
-
100
RBIAS
5
MA2
8
37
MS_SCLK
8
69
CF_nIOR
8
101
VDDA
6
MA3
8
38
MS_BS
8
70
CF_nIOW
8
102
FS+
7
VDDIO
39
SD_nWP
8
71
CF_nRESE
T
8
103
USB+
8
MA4
8
40
SD_DAT0
8
72
CF_nCS0
8
104
USB-
9
MA5
8
41
SD_DAT1
8
73
CF_nCS1
8
105
FS-
10
MA6
8
42
SD_DAT2
8
74
CF_SA0
8
106
RTERM
11
MA7
8
43
SD_DAT3
8
75
CF_SA1
8
107
VSSA
12
MA8
8
44
VDDIO
76
CF_SA2
8
108
XTAL1
13
MA9
8
45
SD_CMD
8
77
VDDIO
109
XTAL2
14
MA10
8
46
SD_CLK
8
78
SM_D0
8
110
VSSP
15
MA11
8
47
CF_D0
8
79
SM_D1
8
111
LOOPFLT
R
16
MA12
8
48
CF_D1
8
80
SM_D2
8
112
VDDP
17
VDDCORE
49
CF_D2
8
81
SM_D3
8
113
GPIO0
8
18
MA13
8
50
CF_D3
8
82
VSSIO
114
GPIO1
8
19
MA14
8
51
CF_D4
8
83
SM_D4
8
115
GPIO2
8
20
MA15
8
52
CF_D5
8
84
VDDCORE
116
GPIO3
8
21
MD0
8
53
CF_D6
8
85
SM_D5
8
117 VSSCORE
22
MD1
8
54
VSSIO
86
SM_D6
8
118
GPIO4
8
23
MD2
8
55
VSSCORE
87
SM_D7
8
119
GPIO5
8
24
MD3
8
56
CF_D7
8
88
SM_ALE
8
120
GPIO6
8
25
MD4
8
57
CF_D8
8
89
SM_CLE
8
121
GPIO7
8
26
VSSIO
58
CF_D9
8
90
SM_nRE
8
122
GPIO8
8
27
MD5
8
59
CF_D10
8
91
SM_nWE
8
123
GPIO9
8
28
MD6
8
60
CF_D11
8
92
SM_nWP
8
124
GPIO10
8
29
MD7
8
61
CF_D12
8
93
SM_nCE
8
125
GPIO11
8
30
nMRD
8
62
CF_D13
8
94
SM_nWPS
-
126
GPIO12
8
31
nMWR
8
63
CF_D14
8
95
SM_nB/R
-
127
VSSIO
32
nMCE
8
64
CF_D15
8
96
SM_nCD
-
128
GPIO13
8
33
nIOW
8
65
CF_nCD1
-
97
nRESET
-
1
GPIO14
8
34
nIOR
8
66
CF_nCD2
-
98
nTEST0
-
2
GPIO15
8
35
MS_INS
-
67
CF_IRQ
-
99
nTEST1
-
3
MA0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com