Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C210 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97C210 Datasheet HTML 1Page - SMSC Corporation USB97C210 Datasheet HTML 2Page - SMSC Corporation USB97C210 Datasheet HTML 3Page - SMSC Corporation USB97C210 Datasheet HTML 4Page - SMSC Corporation USB97C210 Datasheet HTML 5Page - SMSC Corporation USB97C210 Datasheet HTML 6Page - SMSC Corporation USB97C210 Datasheet HTML 7Page - SMSC Corporation USB97C210 Datasheet HTML 8Page - SMSC Corporation USB97C210 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SMSC USB97C210
Page 1
Revision 1.5 (11-05-03)
DATASHEET
USB97C210
USB 2.0 Flash Media
Controller
Datasheet
Product Features
Complete USB Specification 2.0 Compatibility
−
Includes USB 2.0 Transceiver
−
A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
Complete System Solution for interfacing
CompactFlash
TM (CF), SmartMediaTM (SM),
Memory Stick
TM (MS), and Secure Digital (SD)
and MultiMediaCard
TM (MMC) devices to USB 2.0
bus*
−
Supports USB Bulk Only Mass Storage Compliant
Bootable BIOS
−
Support for the following devices:
−
CompactFlash
−
SmartMedia
−
XD Card
−
Memory Stick, Memory Stick Pro, HS Memory
Stick
−
Secure Digital
−
MultiMediaCard
−
NAND Flash drive
−
CF form factor ATA hard drives
−
Support for simultaneous operation of all above
devices. (only one at a time of each of the
following groups supported: CF or ATA drive, SM
or XD or NAND, SD or MMC)
−
Enhanced CF support to allow true sequential read
operations to improve throughput
16 GPIOs for special function use: LED
indicators, button inputs, power control to
memory devices, etc.
−
Inputs capable of generating interrupts with either
edge sensitivity
−
One GPIO has automatic 1 sec toggle capability
for flashing an LED indicator.
8051 8 bit microprocessor
−
Provides low speed control functions
−
30 Mhz execution speed at 4 cycles per instruction
average
−
12K Bytes of internal SRAM for general purpose
scratchpad
−
768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
Double Buffered Bulk Endpoint
−
Bi-directional 512 Byte Buffer for Bulk Endpoint
−
64 Byte RX Control Endpoint Buffer
−
64 Byte TX Control Endpoint Buffer
External Program Memory Interface
−
64K Byte Code Space
−
Flash, SRAM, or EPROM Memory
On Board 12Mhz Crystal Driver Circuit
Internal PLL for 480Mhz USB2.0 Sampling,
30Mhz MCU clock
Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
2.5 Volt, Low Power Core Operation
3.3 Volt I/O with 5V input tolerance
128 Pin TQFP (1.0 mm height package) or QFP
Package


Similar Part No. - USB97C210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C211-NC SMSC-USB97C211-NC Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C211-NE SMSC-USB97C211-NE Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
More results

Similar Description - USB97C210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
Bus Powered USB 2.0 Flash Media Controller
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB2640I MICROCHIP-USB2640I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com