Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5101 Datasheet HTML 1Page - ON Semiconductor CS5101 Datasheet HTML 2Page - ON Semiconductor CS5101 Datasheet HTML 3Page - ON Semiconductor CS5101 Datasheet HTML 4Page - ON Semiconductor CS5101 Datasheet HTML 5Page - ON Semiconductor CS5101 Datasheet HTML 6Page - ON Semiconductor CS5101 Datasheet HTML 7Page - ON Semiconductor CS5101 Datasheet HTML 8Page - ON Semiconductor CS5101 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CS5101
http://onsemi.com
2
Figure 1. Application Diagram
VSYNC
VCC
VREF
LGND
VFB
COMP
RAMP
VD
VC
VG
PGND
IS COMP
IS−
IS+
CS5101
SSPR
R12
R11
R9
R8
R14
R13
R6
R5
GND
C6
VOUT
L1
CR5
Q1
+
VSY
TR
CR4
1
3
6
5
4
2
CR1
R1
R2
+
C5
R7
CR3
C4
R3
CR2
C1
C2
R4
CR
C3
+
R10
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage, VCC
−0.3 to 45
V
VSYNC and Output Supply Voltages, VC, VG, VSYNC, VD
−0.3 to 75
V
VIS+, VIS− (VCC − 4.0 V, up to 24 V)
−0.3 to 24
V
VREF, VFB, VCOMP, VRAMP, VISCOMP
−0.3 to 10
V
Operating Junction Temperature, TJ
−40 to +150
°C
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−65 to +150
°C
Output Energy (Capacitive Load Per Cycle)
5.0
mJ
ESD Human Body
2.0
kV
Lead Temperature Soldering
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum
2. 60 second maximum above 183°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com