Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5101 Datasheet HTML 1Page - ON Semiconductor CS5101 Datasheet HTML 2Page - ON Semiconductor CS5101 Datasheet HTML 3Page - ON Semiconductor CS5101 Datasheet HTML 4Page - ON Semiconductor CS5101 Datasheet HTML 5Page - ON Semiconductor CS5101 Datasheet HTML 6Page - ON Semiconductor CS5101 Datasheet HTML 7Page - ON Semiconductor CS5101 Datasheet HTML 8Page - ON Semiconductor CS5101 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS5101
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 85°C, −40°C ≤ TJ ≤ 150°C, 10 V < VCC < 45 V, 8.0 V < VC < 75 V; unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Error Amplifier
Input Voltage Initial Accuracy
VFB = VCOMP, VCC = 15 V, T = 25°C, Note 3
1.98
2.00
2.02
V
Input Voltage
VFB = VCOMP, includes line and temp
1.94
2.00
2.06
V
Input Bias Current
VFB = 0 V, IVFB flows out of pin
−
−
500
nA
Open Loop Gain
1.5 V < VCOMP < 3.0 V
60
70
−
dB
Unity Gain Bandwidth
1.5 V < VCOMP < 3.0 V, Note 3
0.7
1.0
−
MHz
Output Sink Current
VCOMP = 2.0 V, VFB = 2.2 V
2.0
8.0
−
mA
Output Source Current
VCOMP = 2.0 V, VFB = 1.8 V
2.0
6.0
−
mA
VCOMP High
VFB = 1.8 V
3.3
3.5
3.7
V
VCOMP Low
VFB = 2.2 V
0.85
1.0
1.15
V
PSRR
10 V < VCC < 45 V, VFB = VCOMP, Note 3
60
70
−
dB
Voltage Reference
Output Voltage Initial Accuracy
VCC = 15 V, T = 25°C, Note 3
4.9
5.0
5.1
V
Output Voltage
0 A < IREF < 8.0 mA
4.8
5.0
5.2
V
Line Regulation
10 V < VCC < 45 V, IREF = 0 A
−
10
60
mV
Load Regulation
0 A < IREF < 8.0 mA
−
20
60
mV
Current Limit
VREF = 4.8 V
10
50
−
mA
VREF−OK FAULT V
VSYNC = 5.0 V, VREF = VLOAD
4.10
4.40
4.60
V
VREF−OK V
VSYNC = 5.0 V, VREF = VLOAD
4.30
4.50
4.80
V
VREF−OK Hysteresis
−
40
100
250
mV
Current Sense Amplifier
IS COMP High V
IS+ = 5.0 V, IS− = IS COMP
4.7
5.0
5.3
V
IS COMP Low V
IS+ = 0 V, IS− = IS COMP
0.5
1.0
1.3
V
Source Current
IS+ = 5.0 V, IS− = 0 V
2.0
10
−
mA
Sink Current
IS− = 5.0 V, IS+ = 0 V
10
20
−
mA
Open Loop Gain
1.5 V ≤ VCOMP ≤ 4.5 V, RL = 4.0 kW
60
80
−
dB
CMRR
Note 3
60
80
−
dB
PSRR
10 V < VCC < 45 V, Note 3
60
80
−
dB
Unity Gain Bandwidth
1.5 V ≤ VCOMP ≤ 4.5 V, RL = 4.0 kW, Note 3
0.5
0.8
−
MHz
Input Offset Voltage
VIS+ = 2.5 V, VIS− = VISCOMP
−8.0
0
8.0
mV
Input Bias Currents
VIS+ = VIS− = 0 V, IIS flows out of pins
−
20
250
nA
Input Offset Current (IS+, IS−)
−
−250
0
250
nA
Input Signal Voltage Range
Note 3
−0.3
−
VCC − 4.0
V
RAMP/SYNC Generator
RAMP Source Current Initial Accuracy
VSYNC = 5.0 V, VRAMP = 2.5 V, T = 25°C, Note 3
0.18
0.20
0.22
mA
RAMP Source Current
VSYNC = 5.0 V, VRAMP = 2.5 V
0.16
0.20
0.24
mA
RAMP Sink Current
VSYNC = 0 V, VRAMP = 2.5 V
1.0
4.0
−
mA
RAMP Peak Voltage
VSYNC = 5.0 V
3.3
3.5
3.7
V
RAMP Valley Voltage
VSYNC = 0 V
1.4
1.5
1.6
V
RAMP Dynamic Range
VRAMPDR = VRAMPPK − VRAMPVY
1.7
2.0
2.3
V
RAMP Sleep Threshold Voltage
VRAMP @ VREF < 2.0 V
0.3
0.6
1.0
V
SYNC Threshold
VSYNC @ VRAMP > 2.5 V
2.3
2.5
2.7
V
SYNC Input Bias Current
VSYNC = 0 V, ISYNC flows out of pin
−
1.0
20
mA
3. Guaranteed by design. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com