Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet (PDF) - ON Semiconductor

CS5101 Datasheet PDF - ON Semiconductor
Part # CS5101
Download  CS5101 Download
File Size   142.5 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters

CS5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5101 Datasheet PDF - ON Semiconductor

Part # CS5101
Download  CS5101 Click to download

File Size   142.5 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters

CS5101 Datasheet (HTML) - ON Semiconductor


CS5101 Product details

Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters

The CS5101 is a bipolar monolithic secondary side post regulator (SSPR) which provides tight regulation of multiple output voltages in AC/DC or DC/DC converters. Leading edge pulse width modulation is used with the CS5101.
The CS5101 is designed to operate over an 8.0 V to 45 V supply voltage (VCC) range and up to a 75 V drive voltage (VC).
The CS5101 features include a totem pole output with 1.5 A peak output current capability, externally programmable overcurrent protection, an on chip 2.0% precision 5.0 V reference, internally compensated error amplifier, externally synchronized switching frequency, and a power switch drain voltage monitor. It is available in a 14 lead plastic DIP or a 16 lead wide body SOIC package.

Features
• 1.5 A Peak Output (Grounded Totem Pole)
• 8.0 V to 75 V Gate Drive Voltage
• 8.0 V to 45 V Supply Voltage
• 300 ns Propagation Delay
• 1.0% Error Amplifier Reference Voltage
• Lossless Turn On and Turn Off
• Sleep Mode: < 100 μA
• Overcurrent Protection with Dedicated Differential Amp
• Synchronization to External Clock
• External Power Switch Drain Voltage Monitor
• Pb−Free Packages are Available*




Similar Part No. - CS5101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Rev. 3/31/97
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-AL8 CIRRUS-CS5101A-AL8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A-AP8 CIRRUS-CS5101A-AP8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
More results


Similar Description - CS5101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Rev. 3/31/97
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
Multiple-Output AC-DC
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com