Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet (PDF) - Cherry Semiconductor Corporation

CS5101 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS5101
Download  CS5101 Download
File Size   153.61 Kbytes
Page   7 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters

CS5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5101 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS5101
Download  CS5101 Click to download

File Size   153.61 Kbytes
Page   7 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters

CS5101 Datasheet (HTML) - Cherry Semiconductor Corporation


CS5101 Product details

Description
The CS5101 is a bipolar monolithic secondary side post regulator (SSPR) which provides tight regulation of multiple output voltages in AC-DC or DC-DC converters. Leading edge pulse width modulation is used with the CS5101.

Features
■ 1.5A Peak Output (Grounded Totem Pole)
■ 8V to 75V Gate Drive Voltage
■ 8V to 45V Supply Voltage
■ 300ns Propagation Delay
■ 1% Error Amplifier Reference Voltage
■ Lossless Turn On and Turn Off
■ Sleep Mode: < 100µA
■ Overcurrent Protection with Dedicated Differential Amp
■ Synchronization to External Clock
■ External Power Switch Drain Voltage Monitor




Similar Part No. - CS5101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-AL8 CIRRUS-CS5101A-AL8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A-AP8 CIRRUS-CS5101A-AP8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
More results


Similar Description - CS5101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
Multiple-Output AC-DC
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com