Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5101 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Power Supply Voltage, VCC .....................................................................................................................................-0.3V to 45V
VSYNC and Output Supply Voltages, VC, VG, VSYNC, VD.....................................................................................-0.3V to 75V
VIS+, VIS- (VCC Ð 4V, up to 24V)..................................................................................................................................-0.3 to 24V
VREF, VFB, VCOMP, VRAMP, VISCOMP............................................................................................................................-0.3 to 10V
Operating Junction Temperature, TJ .......................................................................................................................-40 to 150¡C
Operating Temperature Range ..................................................................................................................................-40 to 85¡C
Storage Temperature Range ....................................................................................................................................-65 to 150¡C
Output Energy (capacitive load per cycle).............................................................................................................................5µJ
ESD Human Body ....................................................................................................................................................................2kV
ESD Machine Model...............................................................................................................................................................200V
Lead Temperature Soldering
Wave Solder (through hole styles only)....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only).....................................................................................60 sec. max above 183¡C, 230¡C peak
Electrical Characteristics: -40¡C ² TA ² 85¡C; -40¡C ² TJ ² 150¡C; 10V < VCC < 45V; 8V < VC <75V unless otherwise specified.
s Error Amplifier
Input Voltage Initial Accuracy
VFB = VCOMP; VCC = 15V;
1.98
2.00
2.02
V
T = 25¡C (Note 1)
Input Voltage
VFB = VCOMP, includes line and temp
1.94
2.00
2.06
V
Input Bias Current
VFB = 0V; IVFB flows out of pin
500
nA
Open Loop Gain
1.5V < VCOMP < 3.0V
60
70
dB
Unity Gain Bandwidth
1.5V < VCOMP < 3.0V; (Note 1)
0.7
1.0
MHz
Output Sink Current
VCOMP = 2.0V; VFB = 2.2V
2
8
mA
Output Source Current
VCOMP = 2.0V; VFB = 1.8V
2
6
mA
VCOMP High
VFB = 1.8V
3.3
3.5
3.7
V
VCOMP Low
VFB = 2.2V
0.85
1.0
1.15
V
PSRR
10V < VCC < 45V;
60
70
dB
VFB = VCOMP (Note 1)
s Voltage Reference
Output Voltage Initial Accuracy
VCC = 15V; T = 25¡C (Note 1)
4.9
5.0
5.1
V
Output Voltage
0A < IREF < 8mA
4.8
5.0
5.2
V
Line Regulation
10V < VCC < 45V; IREF = 0A
10
60
mV
Load Regulation
0A < IREF < 8mA
20
60
mV
Current Limit
VREF = 4.8V
10
50
mA
VREF_OK FAULT V
VSYNC = 5V; VREF = VLOAD
4.10
4.40
4.60
V
VREF_OK V
VSYNC = 5V; VREF = VLOAD
4.30
4.50
4.80
V
VREF_OK Hysteresis
40
100
250
mV
s Current Sense Amplifier
IS COMP High V
IS+ = 5V; ISÐ = IS COMP
4.7
5.0
5.3
V
IS COMP Low V
IS+ = 0V; ISÐ = IS COMP
0.5
1.0
1.3
V
Source Current
IS+ = 5V; ISÐ = 0V
2.0
10
mA
Sink Current
IS- = 5V; IS+ = 0V
10
20
mA
Open Loop Gain
1.5V ² VCOMP ² 4.5V; RL = 4k½
60
80
dB
CMRR
(Note 1)
60
80
dB
PSRR
10V < VCC < 45V, (Note 1)
60
80
dB
Unity Gain Bandwidth
1.5V ² VCOMP ² 4.5V; RL = 4k½ (Note 1)
0.5
0.8
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com