Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5101 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electrical Characteristics: continued
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Current Sense Amplifier: continued
Input Offset Voltage
VIS+ = 2.5V; VIS- = VISCOMP
-8
0
8
mV
Input Bias Currents
VIS+ = VIS- = 0V; IIS flows out of pins
20
250
nA
Input Offset Current (IS+, IS-)
-250
0
250
nA
Input Signal Voltage Range
(Note 1)
-0.3
VCC-4.0
V
s RAMP/SYNC Generator
Ramp Source Current Initial
VSYNC = 5V, VRAMP = 2.5V ; T = 25¡C
0.18
0.20
0.22
mA
Accuracy
(Note 1)
Ramp Source Current
VSYNC = 5V; VRAMP = 2.5V
0.16
0.20
0.24
mA
Ramp Sink Current
VSYNC = 0V; VRAMP = 2.5V
1.0
4.0
mA
RAMP Peak Voltage
VSYNC = 5V
3.3
3.5
3.7
V
RAMP Valley Voltage
VSYNC = 0V
1.4
1.5
1.6
V
RAMP Dynamic Range
VRAMPDR = VRAMPPK Ð VRAMPVY
1.7
2.0
2.3
V
RAMP Sleep Threshold Voltage
VRAMP @ VREF < 2.0V
0.3
0.6
1.0
V
SYNC Threshold
VSYNC @ VRAMP > 2.5V
2.3
2.5
2.7
V
SYNC Input Bias Current
VSYNC = 0V; ISYNC flows out of pin
1
20
µA
s Output Stage
VG, High
VSYNC = 5V; IVG = 200mA, VC Ð VG
1.6
2.5
V
VG, Low
VSYNC = 0V; IVG = 200mA
0.9
1.5
V
VG Rise Time
Switch VSYNC High; CG = 1nF;
30
75
ns
VCC = 15V; measure 2V to 8V
VG Fall Time
Switch VSYNC Low; CG = 1nF
40
100
ns
VCC = 15V; measure 8V to 2V
VG Resistance to Gnd
Remove supplies; VG = 10V
50
100
k½
VD Resistance to Gnd
Remove supplies; VD = 10V
500
1500
½
s General
ICC, Operating
VSYNC = 5V
12
18
mA
ICC in UVL
VCC = 6V
300
500
µA
ICC in Sleep Mode High
VRAMP = 0V; VCC = 45V
80
200
µA
ICC In Sleep Mode Low
VRAMP = 0V; VCC = 10V
20
50
µA
IC, Operating High
VSYNC = 5V; VFB = VISÐ = 0V;
4
8
mA
VC = 75V
IC, Operating Low
VSYNC = 5V; VFB = VISÐ = 0V; VC = 8V
3
6
mA
UVLO Start Voltage
7.4
8.0
9.2
V
UVLO Stop Voltage
6.4
7.0
8.3
V
UVLO Hysteresis
0.8
1.0
1.2
V
Leading Edge, tDELAY
VSYNC = 2.5V to VG = 8V
280
ns
Trailing Edge, tDELAY
VSYNC = 2.5V to VG = 2V
750
ns
Note 1: Guaranteed by design. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com