Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5101 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Package Pin Description
14L PDIP
16L SO Wide
1
1
SYNC
Synchronization input.
22
VCC
Logic supply (10V to 45V).
33
VREF
5.0V voltage reference.
4
LGnd
Logic level ground (Analog and digital ground tied).
56
VFB
Error amplifier inverting input.
6
7
COMP
Error amplifier output and compensation.
7
8
RAMP
RAMP programmable with the external capacitor.
8
9
IS+
Current sense amplifier non-inverting input.
9
10
IS-
Current sense amplifier inverting input.
10
11
IS COMP
Current sense amplifier compensation and output.
11
12, 13
PGnd
Power ground.
12
14
VG
External power switch gate drive.
13
15
VC
Output power stage supply voltage (8V to 75V).
14
16
VD
External FET DRAIN Voltage Monitor.
5
AGnd
Analog Ground.
4
DGnd
Digital Ground.
Circuit Description
COMP
RAMP
LGnd
SYNC
LATCH
Q
VREF
PGnd
IS COMP
VD
5V
VC
VG
IS
Q1
Q2
REF_OK
G1
G2
I = 200
mA
VFB
2.5V
2V
Q3
+
Ð
SYNC
VCC_OK
+
Ð
VCC
S
R
PWM
+
Ð
4.5V/4.4V
1.65V
+
Ð
RAMP
+
+
Ð
Ð
+
Ð
EA
+
Ð
BUF
+
Ð
IS+
IS-
1.5V
0.7V
Q4
+
Ð
SLEEP
VCC
+
Ð
REF
UVL
OK
0.7V
8V/7V
2.4V
24.6k
5V
5V
5V
5V
5V
5V
VCC
10k
10k
5V
5V
+
Ð
+
Ð
+
Ð
+
Ð
+
Ð
+
Ð
+
Ð
+
Ð
+
Ð
VCC
+
VC
Q
Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com