Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5101 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5101 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
CS5101
SSPR
PGnd
IS COMP
VCC
VC
Q1
R4
C2
R6
R2
R3
CR4
C6
R14
C5
Gnd
VOUT
R13
IS+
IS-
L1
R10
LGnd
VFB
COMP
VG
RAMP
CR5
VSY
C3
R8
R9
+
VSYNC
R12
R11
R7
CR2
R5
VD
C4
C1
+
CR1
R1
CR3
5
VREF
CR
2
3
6
4
1
TR
s
1.5A Peak Output
(Grounded Totem Pole)
s
8V to 75V Gate Drive Voltage
s
8V to 45V Supply Voltage
s
300ns Propagation Delay
s
1% Error Amplifier
Reference Voltage
s
Lossless Turn On and
Turn Off
s
Sleep Mode: < 100µA
s
Overcurrent Protection with
Dedicated Differential Amp
s
Synchronization to External
Clock
s
External Power Switch
Drain Voltage Monitor
Package Options
16L SO Wide
14L PDIP
Secondary Side Post Regulator for AC/DC
and DC/DC Multiple Output Converters
1
SYNC
VCC
VREF
DGnd
VFB
COMP
RAMP
VC
PGnd
IS-
IS+
IS COMP
VD
VG
PGnd
AGnd
1
SYNC
VCC
VREF
LGnd
VFB
COMP
RAMP
VC
PGnd
IS-
IS+
IS COMP
VD
VG
CS5101
Description
The CS5101 is a bipolar monolithic
secondary side post regulator
(SSPR) which provides tight regula-
tion of multiple output voltages in
AC-DC or DC-DC converters.
Leading edge pulse width modula-
tion is used with the CS5101.
The CS5101 is designed to operate
over an 8V to 45V supply voltage
(VCC) range and up to a 75V drive
voltage (VC).
The CS5101 features include a totem
pole output with 1.5A peak output
current capability, externally pro-
grammable overcurrent protection,
an on chip 2% precision 5V refer-
ence, internally compensated error
amplifier, externally synchronized
switching frequency, and a power
switch drain voltage monitor. It is
available in a 14 lead plastic DIP or
a 16 lead wide body SO package.
Application Diagram
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 3/31/97


Similar Part No. - CS5101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-AL8 CIRRUS-CS5101A-AL8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A-AP8 CIRRUS-CS5101A-AP8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
More results

Similar Description - CS5101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
Multiple-Output AC-DC
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com