Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166GDWR16 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5166GDWR16
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166GDWR16 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5166GDWR16 Datasheet HTML 14Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 15Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 16Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 17Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 18Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 19Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 20Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 21Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
CS5166
http://onsemi.com
18
deviation from the nominal output voltage is 25 mV smaller
than it would be if there was no droop resistor. Similarly at
full load the regulator output is pre−positioned at 18 mV
below the nominal voltage before a load turn−off. The total
voltage increase due to a load turn−off is ΔV−18 mV and the
deviation from the nominal output voltage is 18 mV smaller
than it would be if there was no droop resistor. This is
because the output capacitors are pre−charged to value that
is either 25 mV above the nominal output voltage before a
load turn−on or, 18 mV below the nominal output voltage
before a load turn−off (see Figure 16).
Obviously, the larger the voltage drop across the droop
resistor (the larger the resistance), the worse the DC and load
regulation, but the better the AC transient response.
+
−
Figure 30. Circuit Used to Determine the Voltage Across the Droop Resistor that will Trip the
Internal Current Sense Comparator
VIN
L
Q1
Q2
RDROOP
VOUT
COUT
RISENSE
RFB
ISENSE
IFB
ISENSE
VFB
Current Limit Comparator
VTH
ISENSE
CS5166
Current Limit Setpoint Calculations
The following is the design equations used to set the
current limit trip point by determining the value of the
embedded PCB trace used as a current sensing element.
The current limit setpoint has to be higher than the normal
full load current. Attention has to be paid to the current rating
of the external power components as these are the first to fail
during an overload condition. The MOSFET continuous and
pulsed drain current rating at a given case temperature has
to be accounted for when setting the current limit trip point.
For example the IRL 3103S (D2 PAK) MOSFET has a
continuous drain current rating of 45 A at VGS = 10 V and
TC = 100°C. Temperature curves on MOSFET
manufacturers’ data sheets allow the designer to determine
the MOSFET drain current at a particular VGS and TJ
(junction temperature). This, in turn, will assist the designer
to set a proper current limit, without causing device
breakdown during an overload condition.
For 300 MHz Pentium II CPU the full load is 14.2 A. The
internal current sense comparator current limit voltage
limits are: 55 mV < VTH < 130 mV. Also, there is a 29% total
variation in RSENSE as discussed in the previous section.
We select the value of the current sensing element
(embedded PCB trace) for the minimum current limit
setpoint:
RSENSE(MAX) +
VTH(MIN)
ICL(MIN)
å RSENSE
1.29 + 55 mV
14.2 A å
RSENSE
1.29 + 3.87 mW å RSENSE + 3.0 mW
We calculate the range of load currents that will cause the
internal current sense comparator to detect and overload
condition.
From the overcurrent detection data section on page 3.
Nominal Current Limit Setpoint
VTH(TYP) + 76 mV
ICL(NOM) +
VTH(TYP)
RSENSE(NOM)
Maximum Current Limit Setpoint
Therefore, ICL(NOM) + 76 mV
3.0 mW +
25.3
VTH(MAX) + 110 mV
Therefore,
ICL(MAX) +
110 mV
RSENSE(MIN)
+
110 mV
RSENSE
0.71 +
110 mV
3.0 mW
0.71 +
51.6 A
Therefore, the range of load currents that will cause the
internal current sense comparator to detect an overload
condition through a 3.0 mΩ embedded PCB trace is: 14.2 A
< ICL < 51.6 A, with 25.3 A being the nominal overload
condition.
There may be applications whose layout will require the
use of two extra filter components, a 510 Ω resistor in series
with the ISENSE pin, and a 0.1 μF capacitor between the
ISENSE and VFB pins. These are needed for proper current
limit operation and the resistor value is layout dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com