Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166GDWR16 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CS5166GDWR16
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166GDWR16 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CS5166GDWR16 Datasheet HTML 15Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 16Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 17Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 18Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 19Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 20Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 21Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 22Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
CS5166
http://onsemi.com
19
This series resistor affects the calculation of the current
limit setpoint, and has to be taken into account when
determining an effective current limit.
The calculations below show how the current limit
setpoint is determined when this 510 Ω is taken into
consideration.
VTRIP + VTH ) (ISENSE
RISENSE) * (RFB
IFB)
Where:
VTRIP = voltage across the droop resistor that trips the
ISENSE comparator.
VTH = internal ISENSE comparator threshold
ISENSE = ISENSE bias current
RISENSE = ISENSE pin 510 Ω filter resistor
RFB = VFB pin 3.3 k filter resistor
IFB = VFB bias current
Minimum current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(MIN) + 55 mV ) (13 mA
510) * (3.3 k
1.0 mA)
+ 55 mV ) 6.6 mV * 3.3 mV + 58.3 mV
Nominal current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(NOM) + 76 mV ) (30 mA
510) * (3.3 k
0.1 mA)
+ 76 mV ) 15.3 mV * 0.33 mV + 90.97 mV
Maximum current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(NOM) + 110 mV ) (50 mA
510)
+ 110 mV ) 25.5 mV + 135.5 mV
The value of RSENSE (current sense PCB trace) is then
calculated:
RSENSE(MAX) + 58.3 mV
14.2 A +
4.1 mW
RSENSE(NOM) +
RSENSE(MAX)
1.29
+ 4.1 mWm
1.29
+ 3.18 mW
The range of load currents that will cause the internal
current sense comparator to detect an overload condition is
as follows:
Nominal Current Limit Setpoint
ICL(NOM) +
VTRIP(NOM)
RSENSE(NOM)
Therefore,
ICL(NOM) + 90.97 mV
3.18 mW +
28.6 A
Maximum Current Limit Setpoint
ICL(MAX) +
VTRIP(MAX)
RSENSE(MAX)
Therefore,
ICL(MAX) +
135 mV
3.18 mW
0.71 +
60 A
Therefore, the range of load currents that will cause the
internal current sense comparator to detect an overload
condition through a 3.0 mΩ embedded PCB trace is: 14.2 A
< ICL 60 A, with 28.6 A being the nominal overload
condition.
Design Rules for Using a Droop Resistor
The basic equation for laying an embedded resistor is:
RAR + ò
L
A
or R + ò
L
(W
t)
where:
A = W × t = cross−sectional area
ρ = the copper resistivity (μΩ − mil)
L = length (mils)
W = width (mils)
t = thickness (mils)
For most PCBs the copper thickness, t, is 35 μm (1.37
mils) for one ounce copper. ρ = 717.86 μΩ−mil
For a Pentium II load of 14.2 A the resistance needed to
create a 43 mV drop at full load is:
Response Droop + 43 mV
IOUT
+ 43 mV
14.2 A +
3.0 mW
The resistivity of the copper will drift with the
temperature according to the following guidelines:
DR + 12% @ TA +) 50°C
DR + 34% @ TA +) 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com