Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166GDWR16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5166GDWR16
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166GDWR16 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5166GDWR16 Datasheet HTML 1Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 2Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 3Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 4Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 5Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 6Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 7Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 8Page - ON Semiconductor CS5166GDWR16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CS5166
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 8.0 V < VCC < 14 V; 2.0 DAC Code:
(VID4 = VID3 = VID2 = VID1 = 0); CGATE(H) = CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
GATE(H) and GATE(L)
High Voltage at 100 mA
Measure VCC − GATE
−
1.2
2.0
V
Low Voltage at 100 mA
Measure GATE
−
1.0
1.5
V
Rise Time
1.6 V < GATE < (VCC − 2.5 V)
−
40
80
ns
Fall Time
(VCC − 2.5 V) > GATE > 1.6 V
−
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V; GATE(L) > 2.0 V
30
65
100
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V; GATE(H) > 2.0 V
30
65
100
ns
GATE pull−down
Resistor to PGND, Note 3
20
50
115
kΩ
Fault Protection
SS Charge Time
VFB = 3.0 V, VISENSE = 2.8 V
1.6
3.3
5.0
ms
SS Pulse Period
VFB = 3.0 V, VISENSE = 2.8 V
25
100
200
ms
SS Duty Cycle
(Charge Time/Period) × 100
1.0
3.3
6.0
%
SS COMP Clamp Voltage
VFB = 2.7 V; VSS = 0 V
0.50
0.95
1.10
V
VFB Low Comparator
Increase VFB till normal off−time
0.9
1.0
1.1
V
PWM Comparator
Transient Response
VFB = 1.2 to 5.0 V. 500 ns after GATE(H)
(after Blanking time) to GATE(H) = (VCC −1.0 V)
to 1.0 V
−
115
175
ns
Minimum Pulse Width
(Blanking Time)
Drive VFB 1.2 V to 5.0 V upon GATE(H) rising
edge (> VCC − 1.0 V), measure GATE(H) pulse
width
100
200
300
ns
COFF
Normal Off−Time
VFB = 2.7 V
1.0
1.6
2.3
μs
Extended Off−Time
VSS = VFB = 0 V
5.0
8.0
12.0
μs
Time−Out Timer
Time−Out Time
VFB = 2.7 V, Measure GATE(H) Pulse Width
10
30
50
μs
Fault Duty Cycle
VFB = 0V
30
50
70
%
Power Good Output
Low to High Delay
VFB = (0.8 × VDAC) to VDAC
30
65
110
μs
High to Low Delay
VFB = VDAC to (0.8 × VDAC)
30
75
120
μs
Output Low Voltage
VFB = 2.4 V, IPWRGD = 500 μA
−
0.2
0.3
V
Sink Current Limit
VFB = 2.4 V, PWRGD = 1.0 V
0.5
4.0
15.0
mA
3. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com