Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5318 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IP5506
V1.0
5 / 16
Copyright © 2018, Injoinic Corp.
输出电压纹波
ΔV
OUT
VBAT=3.0V~4.4V
50
100
150
mV
升压系统供电电流
Ivout
VBAT=3.0V~4.4V
0
2.4
A
升压系统过流关断
电流
Ivout
VBAT=3.0V~4.4V
2.45
2.8
3.2
A
负载过流检测时间
TUVD
输出电压持续低于 4.2V
30
ms
控制系统
开关频率
fs
放电开关频率
450
500
550
KHz
充电开关频率
450
500
550
KHz
PMOS 导通电阻
rDSON
40
NMOS 导通电阻
35
VIN
VOUT
PMOS 导通电阻
VIN=5V
90
VIN
VOUT
PMOS 过流保护
IIDOCP
VIN=5V
3
A
VCC 电压
VCC
Vbat=3.7V
3.05
3.1
3.15
V
电池输入待机电流
ISTB
VIN=0V,VBAT=3.7V
80
120
uA
LED 照明驱动电流
Ilight
5
10
15
mA
IO 口驱动电流
IGpio
4
5
8
mA
无负载自动关机时
TloadD
负载电流持续小于 45mA
27
30
33
s
轻载关机电流
Iplout
VBAT=3.7V
20
45
70
mA
短按按键时间
TOnDebounce
100
300
ms
长按按键时间
TKeylight
2
3
s
热关断结温
TOTP
上升温度
130
140
150
热关断迟滞
ΔT
OTP
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com