Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
10 / 42
Copyright © 2019, Injoinic Corp.
detect time
output voltage setting >=5v
Load short circuit
detect time
TOCD
Duration of output current above 4.4A,
output voltage setting >=5v
150
200
us
Control System
Switch frequency
fs
Discharge switch frequency
300
325
350
KHz
Charge switch frequency
450
500
550
KHz
NMOS
on
resistance
rDSON
Upper NMOS
9
11
mΩ
NMOS
on
resistance
Lower NMOS
9
11
mΩ
VCC
output
voltage
VCC
VBAT=3.7V
2.95
3.1
3.25
V
Battery
port
standby current
ISTB
VIN=0V, VBAT=3.7V, average current
80
uA
VCC
output
current
ILDO
VBAT=3.7V
40
50
80
mA
LED light driving
current
IWLED
10
15
20
mA
LED display driving
current
ILED1
ILED2
ILED3
Voltage decrease 10%
5
7
9
mA
Light
load
shut
down detect time
T1load
boost Iout current continued lessthan
80mA
25
32
44
s
Output port light
load shut down
detect time
T2load
Vout1/Vout2/VBUS
output
current
continued lessthan 80mA
14
16
18
s
Short press on key
wake up time
TOnDebounce
60
500
ms
Time of WLED turn
on
TKeylight
Long press key time
1.2
2
3
s
Thermal
shut
down temperature
TOTP
Rising temperature
130
140
150
℃
Thermal
shut
down hysteresis
ΔT
OTP
40
℃
6. Function Description
Low power lock out and activation
The first time IP5568 access to the battery, whatever the battery voltage, IC is in lock out state, battery level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com