Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 17 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 17 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
17 / 42
Copyright © 2019, Injoinic Corp.
fast charge input request. When the vsys voltage is only 5V, turn on the discharge path to supply power to the
electrical equipment; if the vsys voltage is greater than 6.0v, for safety reasons, the discharge path will not be
turned on. In order to ensure the normal charging of electrical equipment, ip5568 will increase the charging
undervoltage loop to more than 4.9v to ensure the priority of power supply to electrical equipment.
In the process of charging and discharging, if the charging power is unplugged, ip5568 will turn off the
charging function and restart the discharging function to supply power to the electric equipment. For the sake of
safety, and in order to be able to reactivate the mobile phone to request fast charging, the voltage will drop to 0V
for a period of time during the conversion process.
In the process of charging and discharging, if the electric equipment is unplugged, or the electric equipment
is full and stops pumping for 16s, the corresponding discharge path will be automatically closed. When the
discharge paths are closed and the state returns to single charging mode, the charging undervoltage loop will be
reduced, and the fast charging will be automatically reactivated to accelerate the charging of mobile power
supply.
Wireless charging power supply:
The power supply of wireless charging TX is directly powered from VSYS node. When wireless charging TX and
wired port work at the same time, wireless charging only supports 5W, wired port output only 5V, no fast
charging.
Automatic detection of mobile phone
Auto detection on sink device/phone attachment:
IP5568 support auto detection on sink device/phone attachment/ plug in, once the attachment is detected,
the boost will be turned on charging the sink device/phone, so non-key solution are supported.
Auto detection on sink device/phone fully charged:
IP5568 measures the output current of each port through the on-chip ADC. When the output current of a
single port is less than about 80mA and lasts for about 16s, the output port will be closed. When the total current
is less than about 80mA for about 32S, it is considered that all output cell phones are full or unplugged, and the
boost output will be automatically turned off.
KEY\Key_mode selection\LED and nixie tube selection
KEY
WLED
Figure 4
KEY circuit
Key circuit is illustrated in Figure 4, which can recognize short press or long press operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com