Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5328 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5328
Download  IP5328 Download
File Size   2470.96 Kbytes
Page   42 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC

IP5328 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5328 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5328
Download  IP5328 Click to download

File Size   2470.96 Kbytes
Page   42 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC

IP5328 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5328 Product details

Features
 Support multiple ports +wirelss charging simultaneously
 2USB A output port s 1 USB B input port
 1 USB C input/output port wireless charging TX /RX
 5W/ 10W /15W wireless charging TX/RX
 C ompliant with the WPC V1.2.4 specification
support 5w 7.5w/ 10w /15w TX
 S upport 5w 10w R X
 integrate full bridge driver integrate
voltage/current demodulator
 support FOD function
 support 1~3 coils
 Fast charge
 Every port support fast charge
 S upport QC2.0/QC3.0 output
 Support FCP/AFC/SFCP input/output
 Support SCP output
 Support VOOC output
 Support MTK PE1.1&2.0 output
 Support USB C DRP input/output
 Support BC1.2/Apple/Samsung
 Integrated USB PD2.0/PD3.0 protocol
 Support PD2.0 input/output protocol
 Support PD3.0 input/output and PPS output
protocol
 Support 5V/9V/12V voltage input /output
 PPS support 5~11v adjustable voltage with
20mv/step
 C harger
 U p to 5A charging current at battery port
 Adaptive charging current adjustment
 Support 4.2v/4.3v/4.35v/4.4v battery
 Boost
 O utput current
5V
3.1A 9V 2.0A 12V 1.5A
 Up to 95%@5V/2A efficiency with synchronous
switching
 Support line compensate
 B attery level display
 I ntegrated 14bit ADC and coulometer
 S upport 1/2/4 LED battery level indicator
 Support 88/188 nixie tube
 A uto recognition of LED number
 Adjustable battery level curve
 Others
 Support auto detect of plug in and out
 Fast charge status indicator
 Support Battery NTC and wireless charging NTC
 E nter standby mode automatically in light load
 Integrated torch light driver

 Multiple protection,high reliability
 Inuput overvoltage and undervoltage protection
 Output overcurrent,overvoltage and short circuit
protection
 B attery overcharge,over discharge and overcurrent
protection
 Over temperature protection
 4KV ESD ,Input voltage up to 20v including CC pins
 Low BOM cost
 Integrated switch power MOSFET
 Single inductor for charging and discharging
 Package size 8 mm × 8 mm 0. 4 pitch QFN 64
Description
I
P 5568 is a power management SOC. It integrates
wireless charging TX / Rx, qc2.0 / qc3.0 / SCP / vooc
output fast charging protoco l, FCP / AFC / SFCP input and
output fast charging protocol, MTK PE + 1.1 & 2.0 output
fast charging protocol, USB C / pd2.0 / pd3.0 input and
output protocol, USB C pd3.0 PPS output protocol, and
bc1.2 / apple / Samsung mobile phone charging protocol . It
integrates the functions of synchronous up / down
converter, lithium battery charging management, battery
power indication, etc. to provide a complete power solution
for fast charging mobile power bank . Two USB A ports, one
USB B port and one USB C port can be connected at the
same time ,a ny single USB port can support fast charging.
When two or more output ports are used at the same time,
only 5V is supported. I P 5568 supports wireless charging
and simultaneous use of USB port, which only supports
5V
O
nly one inductor is needed to realize the function of
buck and boost , and only a few peripheral devices are
needed in the application, which effectively reduces the
size of the overall PCB and reduces the cost of BOM
The synch
ronous switch boost system of IP 5568 can
provide the maximum output capacity of 18W, which can
maintain the efficiency of more than 90% even when the
battery voltage is low.
I
P 5568 charger provides charging current up to 5.0A.
Built in IC temperature, battery temperature and input
voltage control loop, intelligent regulation of charging
curren
t.
I
P 5568 integrate s a 14bit ADC, which can accurately
measure battery voltage and curr ent. The algorithm of
remaining battery capacity of IP 5568 can accurately obtain
battery level informatio n . The battery level curve can be
customized to accurately display the remaining battery
capacity
IP
55 68 supports 1 / 2 / 4 LED battery level indicator ,
and 88 /1 88 digital tube battery level indicator. IP 55 68
supports lighting function and supports buttons.
Applications
 P ower bank with wireless charging




Similar Part No. - IP5328

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5328 INJOINIC-IP5328 Datasheet
2Mb / 26P
Integrated mobile power SOC with multiple input and output fast charge functions
IP5328 INJOINIC-IP5328 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5328 INJOINIC-IP5328 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5328 INJOINIC-IP5328 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5328 INJOINIC-IP5328 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results


Similar Description - IP5328

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
Bi-directional Data Transfer Protocol
logo
Abracon Corporation
AWCCA-12R12H11-C01-B ABRACON-AWCCA-12R12H11-C01-B Datasheet
1Mb / 3P
Rx Wireless Charging Coil Assembly
11.30.15
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5356 INJOINIC-IP5356 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com