Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322GDWR28 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5322GDWR28
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5322GDWR28 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5322GDWR28 Datasheet HTML 12Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 19Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CS5322
http://onsemi.com
16
where:
PwrstgZ + RS
CSA Gain 2.0
Multiply the converterZ by the output current step
size to calculate where the output voltage should
recover to within the first switching cycle after a
transient. If the ConverterZ is higher than the value
required to recover to where the adaptive positioning
is set the remainder of the recovery will be controlled
by the error amp compensation and will typically
recover in 10−20 μs.
DVR + DIOUT
ConverterZ
Make sure that ΔVR is less than the expected peak
transient for a good transient response.
5. Adjust L and RL or RS as required to meet the best
combination of transient response, steady state output
voltage ripple and pulse width jitter.
Current Limit
When the sum of the Current Sense amplifiers (VITOTAL)
exceeds the voltage on the ILIM pin the part will enter hiccup
mode. For inductive sensing the ILIM pin voltage should be
set based on the inductor resistance (or current sense
resistor) at max temperature and max current. To set the level
of the ILIM pin:
6. VI(LIM) + R IOUT(LIM) CS to ILIM Gain
where:
R is RL or RS;
IOUT(LIM) is the current limit threshold.
For the overcurrent to work properly the inductor
time constant (L/R) should be ≤ the Current sense RC.
If the RC is too fast, during step loads the current
waveform will appear larger than it is (typically for a
few hundred μs) and may trip the current limit at a
level lower than the DC limit.
Adaptive Positioning
7. To set the amount of voltage positioning below the
DAC setting at no load connect a resistor (RV(FB))
between the output voltage and the VFB pin. Choose
RV(FB) as;
RV(FB) + NL Position VFB Bias Current
See Figure 4 for VFB Bias Current.
8. To set the difference in output voltage between no
load and full load, connect a resistor (RV(DRP))
between the VDRP and VFB pins. RV(DRP) can be
calculated in two steps. First calculate the difference
between the VDRP and VFB pin at full load. (The VFB
voltage should be the same as the DAC voltage during
closed loop operation.) Then choose the RV(DRP) to
source enough current across RV(FB) for the desired
change in output voltage.
DVV(DRP) + IOUTFL
R
CS to VDRP Gain
where:
R = RL or RS for one phase;
IOUTFL is the full load output current.
RV(DRP) + DVDRP
RV(FB) DVOUT
Calculate Input Filter Capacitor Current Ripple
The procedure below assumes that phases do not overlap
and output inductor ripple current (P−P) is less than the
average output current of one phase.
9. Calculate Input Current
IIN +
VOUT
IOUT
(Efficiency
VIN)
10. Calculate Duty Cycle (per phase).
Duty Cycle +
VOUT
(Efficiency
VIN)
11. Calculate Apparent Duty Cycle.
Apparent Duty Cycle + Duty Cycle
#of Phases
12. Calculate Input Filter Capacitor Ripple Current. Use
the chart in Figure 16 to calculate the normalized
ripple current (KRMS) based on the reciprocal of
Apparent Duty Cycle. Then multiply the input current
by KRMS to obtain the Input Filter Capacitor Ripple
Current.
Ripple (RMS) + IIN
KRMS
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
1/ Apparent Duty Cycle
15
10
5
0
Figure 16. Normalized Input Filter Capacitor
Ripple Current
DESIGN EXAMPLE
Choose the component values for a 12 V to 1.6 V, 35 A
converter with lossless current sensing, adaptive positioning
and a 45 A current limit. The adaptive positioning is chosen
30 mV above the nominal VOUT at no load and 40 mV below
the no−load position with 35 A out. The peak output voltage
transient is 70 mV max during a 32 A step current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com