Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322GDWR28 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CS5322GDWR28
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5322GDWR28 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CS5322GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 19Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 20Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
CS5322
http://onsemi.com
19
ADDITIONAL APPLICATION DIAGRAMS
LGND
GND2
49.9 k
2.80 k
25.5 k
+
+
VCCL2
VCCL
1.2 μH
1.0 k
0.1 μF
.01 μF
VOUT
VID3
VID2
VID1
VID0
COMP
VFB
VDRP
CS1
CS2
CSREF
PWRGD
VID1
VID2
VID3
ILIM
REF
VCCH2
GATE(H)2
GATE(L)2
SS
VCCH1
GATE(H)1
GND1
GATE(L)1
VCCL1
ROSC
VID0
4.12 k
1.0 nF
1.0 nF
61.9 k
PWRGD
1.0 μF
ENABLE
0.1 μF
.01 μF
49.9 k
.01 μF
+5.0 V
1.0 μF
300 nH
3 ×
4SP820M
3 ×10 μF
VID4
34.8 k
1.0 μF
1.0 μF
VID4
3 ×
6SP680M
3.3 nF
10 k
4.12 k
1.2 μH
1.0 nF
0.1 μF
MMBT2222LT1
MMBT2222LT1
1.0 nF
2.0 k
820 Ω
820 Ω
GATE(L)1
GATE(L)2
0.1 μF
2.0 k
Figure 18. 5.0 V only to 2.5 V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com