Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322GDWR28 Datasheet(PDF) 20 Page - ON Semiconductor

Part # CS5322GDWR28
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5322GDWR28 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CS5322GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 19Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 20Page - ON Semiconductor CS5322GDWR28 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
CS5322
http://onsemi.com
20
ADDITIONAL APPLICATION DIAGRAMS
LGND
GND2
25.5 k
4.32 k
25.5 k
+
VCCL2
VCCL
470 nH
1.0 k
0.1 μF
VOUT
VID3
VID2
VID1
VID0
COMP
VFB
VDRP
CS1
CS2
CSREF
PWRGD
VID1
VID2
VID3
ILIM
REF
VCCH2
GATE(H)2
GATE(L)2
SS
VCCH1
GATE(H)1
GND1
GATE(L)1
VCCL1
ROSC
VID0
1.0 nF
1.0 nF
61.9 k
PWRGD
ENABLE
0.1 μF
.01 μF
25.5 k
.01 μF
+5.0 V
1.0 μF
300 nH
8 ×
4SP820M
12 ×10 μF cer
VID4
12.7 k
1.0 μF
VID4
6SP680M
U1
7.5 k
0.1 μF
Q1
+12 V
Q2
Q4
Q3
Q5
Q6
Q8
Q7
470 nH
+
+
Figure 19. 5.0 V only to 1.2 V Bias to 1.6 V, 35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com