Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 17Page - Texas Instruments LM339LVDYYR Datasheet HTML 18Page - Texas Instruments LM339LVDYYR Datasheet HTML 19Page - Texas Instruments LM339LVDYYR Datasheet HTML 20Page - Texas Instruments LM339LVDYYR Datasheet HTML 21Page - Texas Instruments LM339LVDYYR Datasheet HTML 22Page - Texas Instruments LM339LVDYYR Datasheet HTML 23Page - Texas Instruments LM339LVDYYR Datasheet HTML 24Page - Texas Instruments LM339LVDYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
7.4.3.3 Input Protection
The input bias current is typically 5 pA for input voltages between V+ and GND. The comparator inputs are
protected from reverse voltage by the internal ESD diodes connected to GND. As the input voltage goes under
GND, or above the input Absolute Maximum ratings the protection diodes become forward biased and begin to
conduct causing the input bias current to increase exponentially. Input bias current typically doubles for each
10°C temperature increase.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents should the
clamps conduct. The current should be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks.
7.4.4 ESD Protection
The LV family incorporates internal ESD protection circuits on all pins. The inputs, and the open-drain output,
use a proprietary "snapback" type ESD clamp from each pin to GND, which allows the pins to exceed the supply
voltage (V+). While shown as Zener diodes, snapbacks momentarily "short" and go low impedance (like an
SCR) when the threshold is exceeded, as opposed to clamping to a defined voltage like a Zener. There is no
ESD clamp from the inputs to V+.
The open-drain output protection also consists of a ESD clamp between the output and GND to allow the output
to be pulled above V+ to a maximum of 5.5V. There is no ESD clamp from the output to V+.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents should the
clamps conduct. The current should be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks.
TI does not specify the performance of the ESD clamps and external clamping diodes should be added if the
inputs or output could exceed the maximum ratings as part of normal operation.
7.4.5 Unused Inputs
If a channel is not to be used, DO NOT tie the inputs together. Due to the high equivalent bandwidth and low
offset voltage, tying the inputs directly together can cause high frequency oscillations as the device triggers on
it's own internal wideband noise. Instead, the inputs should be tied to any available voltage that resides within
the specified input voltage range and provides a minimum of 50mV differential voltage. For example, one input
can be grounded and the other input connected to a reference voltage, or even V+ (as long as the input is
directly connected to the V+ pin to avoid transients).
7.4.6 Hysteresis
The LV family does not have internal hysteresis. Due to the wide effective bandwidth and low input offset
voltage, it is possible for the output to "chatter" (oscillate) when the absolute differential voltage near zero, as the
comparator triggers on it's own internal wideband noise. TI recommends that the user add external hysteresis if
slow moving signals are expected. See Section 8.1.2 in the following section.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com