Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDYYR Datasheet(PDF) 31 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 27Page - Texas Instruments LM339LVDYYR Datasheet HTML 28Page - Texas Instruments LM339LVDYYR Datasheet HTML 29Page - Texas Instruments LM339LVDYYR Datasheet HTML 30Page - Texas Instruments LM339LVDYYR Datasheet HTML 31Page - Texas Instruments LM339LVDYYR Datasheet HTML 32Page - Texas Instruments LM339LVDYYR Datasheet HTML 33Page - Texas Instruments LM339LVDYYR Datasheet HTML 34Page - Texas Instruments LM339LVDYYR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
8.2.8 Zero Crossing Detector
R4
100 NŸ
R1
5 NŸ
+V
R2
5 NŸ
VIN
R4
20 0Ÿ
+
±
R5
10 NŸ
R3
100 NŸ
D1
BAT54
VOUT
V1
V2
V3
R1 = R2 = (R5 / 2)
RPU
10 NŸ
Figure 8-17. Zero Crossing Detector
A voltage divider of R4 and R5 establishes a reference voltage V1 at the non-inverting input. By making the
series resistance of R1 and R2 equal to R5, the comparator will switch when VIN = 0. Diode D1 insures that
V3 clamps near ground. The voltage divider of R2 and R3 then prevents V2 from going below ground. A small
amount of hysteresis is setup to ensure rapid output voltage transitions.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com