Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDYYR Datasheet(PDF) 33 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 29Page - Texas Instruments LM339LVDYYR Datasheet HTML 30Page - Texas Instruments LM339LVDYYR Datasheet HTML 31Page - Texas Instruments LM339LVDYYR Datasheet HTML 32Page - Texas Instruments LM339LVDYYR Datasheet HTML 33Page - Texas Instruments LM339LVDYYR Datasheet HTML 34Page - Texas Instruments LM339LVDYYR Datasheet HTML 35Page - Texas Instruments LM339LVDYYR Datasheet HTML 36Page - Texas Instruments LM339LVDYYR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
9 Power Supply Recommendations
Due to the fast output edges, it is critical to have bypass capacitors on the supply pin to prevent supply ringing
and false triggers and oscillations. Bypass the supply directly at each device with a low ESR 0.1 µF ceramic
bypass capacitor directly between VCC pin and ground pins. Narrow, peak currents will be drawn during the
output transition time, particularly for the push-pull output device. These narrow pulses can cause un-bypassed
supply lines and poor grounds to ring, possibly causing variation that can eat into the input voltage range and
create an inaccurate comparison or even oscillations.
The device may also be powered from "split" supplies (V+, V- and GND), with V- applied to the GND pin.
Input signals must stay within the specified input range (between V+ and V-) for both supply types.
Note that the ouptut will now swing "low" (VOL) to V- potential and not system GND on split supplies.
10 Layout
10.1 Layout Guidelines
For accurate comparator applications it is important maintain a stable power supply with minimized noise and
glitches. Output rise and fall times are in the tens of nanoseconds, and should be treated as high speed logic
devices. The bypass capacitor should be as close to the supply pin as possible and connected to a solid ground
plane, and preferably directly between the VCC and GND pins.
Minimize coupling between outputs and inputs to prevent output oscillations. Do not run output and input traces
in parallel unless there is a VCC or GND trace between output to reduce coupling. When series resistance is
added to inputs, place resistor close to the device. A low value (<100 ohms) resistor may also be added in series
with the output to dampen any ringing or reflections on long, non-impedance controlled traces. For best edge
shapes, controlled impedance traces with back-terminations should be used when routing long distances.
10.2 Layout Example
VCC
Ground
6
5
7
1
2
3
4
8
Ground
PF
1IN-
1IN+
GND
2OUT
2IN-
2IN+
1OUT
VCC
OK
VCC or GND
Better
Input Resistors
Close to device
Figure 10-1. Dual Layout Example
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com