Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8240
Description  500 mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8240 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8240 Datasheet HTML 1Page - ON Semiconductor CS8240 Datasheet HTML 2Page - ON Semiconductor CS8240 Datasheet HTML 3Page - ON Semiconductor CS8240 Datasheet HTML 4Page - ON Semiconductor CS8240 Datasheet HTML 5Page - ON Semiconductor CS8240 Datasheet HTML 6Page - ON Semiconductor CS8240 Datasheet HTML 7Page - ON Semiconductor CS8240 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8240
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage
6.0 to 26
V
Overvoltage Protection
60
V
Reverse Voltage:
DC
Transient
–16
–50
V
V
Internal Power Dissipation
Internally
limited
–
Logic Input Voltage
–0.3 to +7.0
V
Junction Temperature Range, TJ
–40 to150
°C
Storage Temperature Range, TS
–55 to +165
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
260 peak
°C
Electrostatic Discharge (Human Body Model)
2.0
kV
1. 10 second maximum.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ 125°C; –40°C ≤ TJ ≤ 150°C, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General Characteristics
Operating Supply Voltage
–
6.0
–
–
V
Quiescent Current
VCC = 12V, VIN ≤ VIN(LOW)
VIN ≥⋅VIN(HI), RLOAD = 50 Ω,
6.0 V
≤ VCC ≤ 20 V
20 V
≤ VCC ≤ 24 V
–
–
–
1.0
16
25
100
30
50
µA
mA
mA
Output Stage
Output Saturation Voltage
VIN ≤ VIN(HI), VCC = 6.0 V, ILOAD = 125 mA
VCC = 14 V, ILOAD = 225 mA
–
–
0.22
0.33
0.5
0.7
V
V
Output Leakage Current
Input
≤ VIN(L), VCC = 12 V, VOUT = 0 V
–
1.0
150
µA
Negative Output Clamp
ICLAMP = 100 mA, VCC = 12 V
–18
–15.5
–12
V
Turn On Delay Time
VCC = 12 V, ILOAD = 150 mA
–
5.0
20
µs
Turn Off Delay Time
VCC = 12 V, ILOAD = 150 mA
–
5.0
20
µs
Input Stage
Input Voltage
Logic = High, VCC = 12 V Turn ON
Logic = Low, VCC = 12 V Turn OFF
0.8
–
1.45
1.2
–
2.0
V
V
Input Current
VIN = 5.5 V
VIN = 0.8 V
–
–
100
15
200
50
µA
µA
Protection Circuitry
Overvoltage Shutdown
VIN ≥ VIN(HI)
26
32
–
V
Output Short Circuit Current
VIN ≥ VIN(HI), VCC = 12 V, VOUT = 0 V
0.55
1.1
2.5
A
Thermal Shutdown
–
150
165
–
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com