Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet (PDF) - ON Semiconductor

CS8240 Datasheet PDF - ON Semiconductor
Part # CS8240
Download  CS8240 Download
File Size   59.55 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA High Side (PNP) Driver with On-Chip Flyback Diode

CS8240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8240 Datasheet PDF - ON Semiconductor

Part # CS8240
Download  CS8240 Click to download

File Size   59.55 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA High Side (PNP) Driver with On-Chip Flyback Diode

CS8240 Datasheet (HTML) - ON Semiconductor


CS8240 Product details

500 mA High Side  (PNP) Driver with  On-Chip Flyback Diode

The CS8240 is a fast, PNP high side driver capable of delivering up to 500 mA into a resistive or inductive load in harsh automotive or industrial environments. An internal flyback diode clamp is incorporated for inductive loads. The input (VIN) is TTL and CMOS compatible and has hysteresis to minimize the effects of noise. When the input is high, the output is on. When the input is low, the output is off and the supply voltage quiescent current is very low (< 1.0 µA, typ). For device protection, the CS8240 incorporates thermal shutdown, short circuit current limiting, overvoltage shutdown, and reverse battery protection. The CS8240 can withstand supply voltage transients of 60 V (min) and –50 V.

Features
• Low Output Saturation Voltage
    – 0.22 V at IOUT = 125 mA
    – 0.33 V at IOUT = 225 mA
• Overmolded Package
• On–Chip Flyback Diode
• Fault Protection
    – Over Voltage Shutdown (32 V, typ)
    – Thermal Shutdown (165°C, typ)
    – Short Circuit Limiting (1.1 A typ)
    – –50 V Reverse Transient Protection
    – 60 V Load Dump Protection
    – Reverse Battery
• Low Quiescent Current (Off State)
• ESD Protected




Similar Part No. - CS8240

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8240 CHERRY-CS8240 Datasheet
142Kb / 5P
500mA High Side (PNP) Driver with On-Chip Flyback Diode
Rev. 1/27/98
CS8240YTFVA5 CHERRY-CS8240YTFVA5 Datasheet
142Kb / 5P
500mA High Side (PNP) Driver with On-Chip Flyback Diode
Rev. 1/27/98
More results


Similar Description - CS8240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Cherry Semiconductor Co...
CS8240 CHERRY-CS8240 Datasheet
142Kb / 5P
500mA High Side (PNP) Driver with On-Chip Flyback Diode
Rev. 1/27/98
logo
NXP Semiconductors
SA57022-XX PHILIPS-SA57022-XX Datasheet
80Kb / 8P
500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
logo
NXP Semiconductors
PMSTA55 NXP-PMSTA55 Datasheet
93Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05-1 February 2010
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com