Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8240
Description  500 mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8240 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8240 Datasheet HTML 1Page - ON Semiconductor CS8240 Datasheet HTML 2Page - ON Semiconductor CS8240 Datasheet HTML 3Page - ON Semiconductor CS8240 Datasheet HTML 4Page - ON Semiconductor CS8240 Datasheet HTML 5Page - ON Semiconductor CS8240 Datasheet HTML 6Page - ON Semiconductor CS8240 Datasheet HTML 7Page - ON Semiconductor CS8240 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8240
http://onsemi.com
3
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
5 Lead TO–220
PIN SYMBOL
FUNCTION
1
VCC
Supply Voltage to the IC. Supplies load current through PNP.
2
OUT
Collector of output PNP, current to load is sourced from this lead.
3
NC
No connection.
4
GND
Ground.
5
VIN
Input voltage to control output. Logic high turns output on. Logic low turns
output off.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Quiescent Current vs. IOUT
Figure 3. Turn–On Delay Time
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
IOUT (mA)
VCC = 12 V
VIN ≥ 2.0 V
+125
°C
–40
°C
+25
°C
0
1
2
34
56
(
µs)
78
5
0
12
0
Figure 4. Turn Off Delay Time
Figure 5. Output Saturation Voltage vs. IOUT
02
4
6
8
10
12
(
µs)
14
16
5
0
12
–15
18
20
0
100
200
300
400
500
600
IOUT (mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 12 V
VIN ≥ 2.0 V
+125
°C
–40
°C
+25
°C
0.9
1.0
1.1
1.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com