Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8240 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8240
Download  CS8240 Download
File Size   142.93 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 500mA High Side (PNP) Driver with On-Chip Flyback Diode

CS8240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8240 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8240
Download  CS8240 Click to download

File Size   142.93 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 500mA High Side (PNP) Driver with On-Chip Flyback Diode

CS8240 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8240 Product details

Description
The CS8240 is a fast, PNP high side driver capable of delivering up to 500mA into a resistive or inductive load in harsh automotive or industrial environments. An internal flyback diode clamp is incorporated for inductive loads. The input (VIN) is TTL and CMOS compatible and has hysteresis to minimize the effects of noise. When the input is high, the output is on.

Features
■ Low Output Saturation Voltage
    0.22V at IOUT = 125mA
    0.33V at IOUT = 225mA
■ Overmolded Package
■ On-Chip Flyback Diode
■ Fault Protection
    Over voltage Shutdown (32V, typ)
    Thermal Shutdown (165¡C, typ)
    Short Circuit Limiting (1.1A typ)
    -50V Reverse Transient Protection
    60V Load Dump Protection
    Reverse Battery
■ Low Quiescent Current (Off State)
■ ESD Protected




Similar Part No. - CS8240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8240 ONSEMI-CS8240 Datasheet
59Kb / 8P
500 mA High Side (PNP) Driver with On-Chip Flyback Diode
April, 2001 ??Rev. 4
CS8240YTQ5 ONSEMI-CS8240YTQ5 Datasheet
59Kb / 8P
500 mA High Side (PNP) Driver with On-Chip Flyback Diode
April, 2001 ??Rev. 4
CS8240YTQVA5 ONSEMI-CS8240YTQVA5 Datasheet
59Kb / 8P
500 mA High Side (PNP) Driver with On-Chip Flyback Diode
April, 2001 ??Rev. 4
More results


Similar Description - CS8240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
HIGH SIDE DRIVER WITH RECHARGE
logo
ON Semiconductor
CS8240 ONSEMI-CS8240 Datasheet
59Kb / 8P
500 mA High Side (PNP) Driver with On-Chip Flyback Diode
April, 2001 ??Rev. 4
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
STMicroelectronics
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
Infineon Technologies A...
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com