Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8240
Description  500mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8240 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8240 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Characteristics
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
-40
°C
+25
°C
+125
°C
IOUT (mA)
VCC = 12V
VIN
³ 2.0V
1.20
1.10
1.00
0.80
0.70
0.60
0.50
0.40
0
0
100
200
300
400
500
600
-40
°C
+25
°C
+125
°C
IOUT (mA)
0.90
0.30
0.20
0.10
VCC = 12V
VIN
³ 2.0V
Output Saturation Voltage vs. IOUT
Quiescent Current vs. IOUT
12V
VOUT
VIN
0V
5V
0
1
2
3
4
5
678
(
ms)
0V
0V
-15V
VOUT
VIN
0V
5V
12V
510
0
(ms)
6
17
28
39
4
Load = 80
W, 50mH
Flyback Clamp Characteristics
Turn-on Delay Time
12V
-15V
(
ms)
VOUT
VIN
10
0V
5V
0
20
12
214
416
6
18
8
Input Voltage (V)
0
0
10
20
30
40
50
60
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OFF
ON
IIN vs. VIN
Turn Off Delay Time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com