Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8240
Description  500mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8240 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8240 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Circuit Description
Typical Application Circuits
0.1
mF
1
2
3
5
CS8240
VCC
GE194
0.1
mF
1
2
3
5
CS8240
0V
5V
VCC*
Solenoid Driver
VCC = 6.0V to 26.0V
VBAT
CS8240
LOAD
VIGNITION
15k
W
Lamp Driver
Controlled High Side Switch
Input Stage
The input stage is a self biased band gap based circuit with a
positive going trip point of 1.45V (typ) and a negative going
trip point of 1.20V (typ) (250mV of hysteresis). When the input
voltage is below the positive trip point, the quiescent current
of the supply voltage line is less than 1µA, (typ). When the
input voltage exceeds the positive trip point (1.45V, typ), the
input stage Òwakes upÓ the rest of the CS8240 circuitry and
turns on the output stage.
Output Stage
The output stage is built around a high current PNP output
transistor. A control amplifier monitors the saturation voltage
of the output PNP and maintains a balance of low saturation
voltage and minimum base drive to the PNP for the given out-
put current. The base drive of the PNP is the dominant com-
ponent of the quiescent current of the CS8240 and is depen-
dent on the level of output current.
Short circuit protection (1.1A, typ) is also incorporated in the
output stage.
Protection Circuitry
In addition to the short circuit protection mentioned above,
the CS8240 also incorporates a thermal shutdown circuit
(165¡C, typ) and a high voltage shutdown circuit (33V, typ),
both of which cut off the drive to the PNP output transistor
when excessive current is drawn. Inherent in the design of the
CS8240 is transient protection to +60V and -50V on the supply
line. The CS8240 is ESD protected in excess of 2kV (Human
Body Model).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com