Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8240 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8240
Description  500mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8240 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8240 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Characteristics: -40¡C ² TA ² 125¡C, -40¡C ² TJ ² 150¡C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead TO-220
1VCC
Supply voltage to IC. Supplies load current through
output PNP.
2
OUT
Collector of output PNP, current to load is sourced
from this lead.
3
NC
No connection.
4
Gnd
Ground.
5VIN
Input voltage to control output. Logic high turns out-
put on. Logic low turns output off.
s General Characteristics
Operating Supply Voltage
6.0
V
Quiescent Current
VCC = 12V, VIN ²VIN(LOW)
1
100
µA
VIN ³VIN(HI), RLOAD = 50½,
6 ² VCC ² 20V
16
30
mA
20V ² VCC ² 24V
25
50
mA
s Output Stage
Output Saturation Voltage
VIN ²VIN(HI), VCC = 6.0V,
ILOAD = 125mA
0.22
0.5
V
VCC = 14V, ILOAD = 225mA
0.33
0.7
V
Output Leakage Current
Input ² VIN(L), VCC = 12V, VOUT = 0V
1
150
µA
Negative Output Clamp
ICLAMP = 100mA, VCC = 12V
-18
-15.5
-12
V
Turn On Delay Time
VCC = 12V, ILOAD = 150mA
5
20
us
Turn Off Delay Time
VCC = 12V, ILOAD = 150mA
5
20
us
s Input Stage
Input Voltage
Logic = High, VCC = 12V Turn ON
0.8
1.45
V
Logic = Low, VCC = 12V Turn OFF
1.2
2.0
V
Input Current
VIN = 5.5V
100
200
µA
VIN = 0.8V
15
50
µA
s Protection Circuitry
Overvoltage Shutdown
VIN ³VIN(HI)
26
32
V
Output Short Circuit Current VIN ³VIN(HI), VCC = 12V, VOUT = 0V
0.55
1.1
2.5
A
Thermal Shutdown
150
165
¡C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com