Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7030 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZLED7030
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7030 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZLED7030 Datasheet HTML 4Page - Renesas Technology Corp ZLED7030 Datasheet HTML 5Page - Renesas Technology Corp ZLED7030 Datasheet HTML 6Page - Renesas Technology Corp ZLED7030 Datasheet HTML 7Page - Renesas Technology Corp ZLED7030 Datasheet HTML 8Page - Renesas Technology Corp ZLED7030 Datasheet HTML 9Page - Renesas Technology Corp ZLED7030 Datasheet HTML 10Page - Renesas Technology Corp ZLED7030 Datasheet HTML 11Page - Renesas Technology Corp ZLED7030 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ZLED7x30 Datasheet
8
April 20, 2016
Rs=0.15Ω
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
5
10
15
20
25
30
35
40
Vin(V)
1LED
3LED
7LED
10LED
Rs=0.30Ω
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
5
10
15
20
25
30
35
40
Vin(V)
1LED
3LED
7LED
10LED
Figure 1.3
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V)
‡ Per Number of LEDs (Rs=0.15
Ω, L1=47μH)
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V)
‡ Per Number of LEDs (Rs=0.30
Ω, L1=47μH)
‡ Minimum Vin depends on number of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com