Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7030 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7030
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7030 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7030 Datasheet HTML 1Page - Renesas Technology Corp ZLED7030 Datasheet HTML 2Page - Renesas Technology Corp ZLED7030 Datasheet HTML 3Page - Renesas Technology Corp ZLED7030 Datasheet HTML 4Page - Renesas Technology Corp ZLED7030 Datasheet HTML 5Page - Renesas Technology Corp ZLED7030 Datasheet HTML 6Page - Renesas Technology Corp ZLED7030 Datasheet HTML 7Page - Renesas Technology Corp ZLED7030 Datasheet HTML 8Page - Renesas Technology Corp ZLED7030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
High Current 40V LED Driver
with Switch Dimming
ZLED7x30
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Typical Applications
 Illuminated LED signs and other displays
 Interior/exterior LED lighting
 LED street and traffic lighting (low voltage)
 MR16 LED spot lights
 Architecture/building LED lighting
 Retrofit LED lighting fixtures
 LED backlighting
 General purpose industrial and consumer LED applications
ZLED7x30 Block Diagram
Ordering Information
Product Sales Code Description
Package
ZLED7030ZI1R
ZLED7030 – High Current (1200mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7330ZI1R
ZLED7330 – High Current (1000mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7530ZI1R
ZLED7530 – High Current (750mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7730ZI1R
ZLED7730 – High Current (350mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7030KIT-D1
ZLED7030-D1 Demo Board, 1 ZLED-PCB8 and 5 ZLED7030 ICs
Kit
ZLED-PCB8
Test PCB with one 5W white High Brightness (HB) LED, cascadable to one
multiple LED string
Printed Circuit Board (PCB)
Trim
8
VS
6 to 40 VDC
5
DIM2
LX
GND
7
2
ZLED7x30
VDDA
VDDD
n LED
L1
D1
(C3)
(C1)
C2
0.1µF
Rs
VIN
1
VCC
ISENSE
ISENSE
UV
POR
VREF
VIN
SD
SD
DR
ISENSE
And
Driver
Power
MOS
33µH to
220µH
6
DIM1
Power
Supply,
Oscillator
and
Under-
Voltage
Detection
(UV)
CLK
Shut-
down
Dim
Select
S
Analog
Dim
Logic
VCC
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com