Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7030 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZLED7030
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7030 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZLED7030 Datasheet HTML 15Page - Renesas Technology Corp ZLED7030 Datasheet HTML 16Page - Renesas Technology Corp ZLED7030 Datasheet HTML 17Page - Renesas Technology Corp ZLED7030 Datasheet HTML 18Page - Renesas Technology Corp ZLED7030 Datasheet HTML 19Page - Renesas Technology Corp ZLED7030 Datasheet HTML 20Page - Renesas Technology Corp ZLED7030 Datasheet HTML 21Page - Renesas Technology Corp ZLED7030 Datasheet HTML 22Page - Renesas Technology Corp ZLED7030 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ZLED7x30 Datasheet
21
April 20, 2016
SOP8 Package Dimensions
Table 5.2
Package Dimensions SOP-8
Symbol
Dimension (mm)
Symbol
Dimension (mm, except
θ)
Min
Max
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000
The SOP-8 package has a thermal resistance (junction to ambient) of RθJA = 128 K/W.
6
Ordering Information
Ordering Information
Product Sales Code
Description
Package
ZLED7030ZI1R
ZLED7030 – High Current (1200mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7330ZI1R
ZLED7330 – High Current (1000mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7530ZI1R
ZLED7330 – High Current (750mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7730ZI1R
ZLED7330 – High Current (350mA) 40V LED Driver with Switch Dimming
SOP-8 (Tape & Reel)
ZLED7030KIT-D1
ZLED7030 Demo Kit 12VAC/VDC, including 1 ZLED-PCB8
Kit
ZLED-PCB8
Test PCB with one 5W white High Brightness (HB) LED, cascadable to one
multiple LED string
Printed Circuit Board (PCB)
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with footprints of 9 common
HB LED types
Printed Circuit Board (PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com