Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7730 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZLED7730
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7730 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZLED7730 Datasheet HTML 8Page - Renesas Technology Corp ZLED7730 Datasheet HTML 9Page - Renesas Technology Corp ZLED7730 Datasheet HTML 10Page - Renesas Technology Corp ZLED7730 Datasheet HTML 11Page - Renesas Technology Corp ZLED7730 Datasheet HTML 12Page - Renesas Technology Corp ZLED7730 Datasheet HTML 13Page - Renesas Technology Corp ZLED7730 Datasheet HTML 14Page - Renesas Technology Corp ZLED7730 Datasheet HTML 15Page - Renesas Technology Corp ZLED7730 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ZLED7x30 Datasheet
12
April 20, 2016
Rs
V
1
.
0
I
OUTnom =
2
Circuit Description
2.1
ZLED7x30 Overview
The ZLED7x30 is a continuous-mode inductive step-down converter LED driver for driving single or multiple series-
connected LEDs from a voltage input higher than the LED voltage (Vin = 8.5 to 40VDC; see section 3.2.2 for
important details). The ZLED7x30 provides an adjustable output current (1.2A maximum for ZLED7030; 1.0A
maximum for ZLED7330; 0.75A maximum for ZLED7530; 0.35A maximum for ZLED7730) , which is nominally set via
an external sense resistor Rs and controlled by the ZLED7x30’s integrated high-side output current-sensing circuit
and output switch. The ZLED7x30 detects external switching action on the supply line to adjust the output current in
different modes on different levels.
Only a resistor, a diode, an inductor, and three capacitors are needed for a typical basic application. Refer to the
application circuits in section 3 for the location of the components referred to in the following sections.
2.2
Control of Output Current via External Sense Resistor Rs
External sense resistor Rs, which is connected between the VIN and ISENSE pins as shown in Figure 3.1, sets IOUTnom,
the nominal average output current. Equation (1) can be used to calculate the nominal output current, which is the LX
switch output current ILX if no switch dimming condition is valid. See section 3.3.1 for recommended values for Rs in a
typical basic application and section 3.4 for layout guidelines for Rs.
(1)
2.3
Multi-Mode Switch Dimming
The ZLED7x30 detects external switching action on the supply line to adjust output current, allowing dimming
functionality to be achieved without changing the original lighting system circuitry. The switch dimming is implemented
in either two-level mode or three-level mode. The output current of each level and the total number of levels are
customer selected by setting the corresponding input conditions on the DIM1 and DIM2 pins. See page 1 for a typical
application using the DIM1 and DIM2 pins.
The output current is set at the initial 100% value determined by the sense resistor Rs the first time that power is
supplied to the chip. After the initial power up sequence, the chip adjusts the output current according to the external
switch action. After the lowest current level, the current cycles back to the initial value if subsequent switch action is
detected. If the power is switched off for longer than 2 seconds, the device will return to its initial state and the output
current will be set to the initial value the next time that power is applied.
There are two types of switch action: a normal switch, which has an off-time between each subsequent switch action
longer than 2s, and a dimming switch, which has an off-time between each subsequent switch less than 2s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com