Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7730 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZLED7730
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7730 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZLED7730 Datasheet HTML 15Page - Renesas Technology Corp ZLED7730 Datasheet HTML 16Page - Renesas Technology Corp ZLED7730 Datasheet HTML 17Page - Renesas Technology Corp ZLED7730 Datasheet HTML 18Page - Renesas Technology Corp ZLED7730 Datasheet HTML 19Page - Renesas Technology Corp ZLED7730 Datasheet HTML 20Page - Renesas Technology Corp ZLED7730 Datasheet HTML 21Page - Renesas Technology Corp ZLED7730 Datasheet HTML 22Page - Renesas Technology Corp ZLED7730 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ZLED7x30 Datasheet
20
April 20, 2016
LX
GND
DIM1
DIM2
NC
NC
ISENSE
VIN
• Because Rs is typically a low value resistor, it is important to consider the resistance of the traces in series with
RS as part of the total current sense resistance. Use traces that are as short and wide as possible to minimize
this effect.
• The ZLED7x30’s DIM pins are high impedance inputs. When left floating, these pins are pulled up to 3.3V by
internal circuitry. Avoid running high voltage traces close to the DIM pins.
4
ESD Protection
All pins have an ESD protection of
≥ ±3000V according to the Human Body Model (HBM). The ESD test follows the
Human Body Model with 1.5
kΩ/100 pF based on MIL 883-H, Method 3015.8.
5
Pin Configuration and Package
Figure 5.1
ZLED7x30 Pin Configuration
Table 5.1
ZLED7x30 Pin Descriptions—SOP-8 Package
Pin
No.
Description (Also see section 3.3 for layout guidelines)
VIN
1
Input voltage (8.5V to 40V).
ISENSE
2
Current adjustment input. Resistor RS from ISENSE to VIN determines the nominal average output
current. IOUTnom =0.1V/RS
NC
3
Not connected; keep floating.
NC
4
Not connected; keep floating.
DIM2
5
Set the number of current levels and current ratio of each level of switch dimming function as follows:
DIM1 Pin
DIM2 Pin
Dimming Mode
Floating
Floating
No dimming
Floating
GND
Three levels: 100%, 50%, 20%
GND
Floating
Three levels: 100%, 60%, 30%
GND
GND
Two levels: 100%, 30%
DIM1
6
GND
7
Connect to GND.
LX
8
Drain of internal power switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com