Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7730 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZLED7730
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7730 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZLED7730 Datasheet HTML 11Page - Renesas Technology Corp ZLED7730 Datasheet HTML 12Page - Renesas Technology Corp ZLED7730 Datasheet HTML 13Page - Renesas Technology Corp ZLED7730 Datasheet HTML 14Page - Renesas Technology Corp ZLED7730 Datasheet HTML 15Page - Renesas Technology Corp ZLED7730 Datasheet HTML 16Page - Renesas Technology Corp ZLED7730 Datasheet HTML 17Page - Renesas Technology Corp ZLED7730 Datasheet HTML 18Page - Renesas Technology Corp ZLED7730 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ZLED7x30 Datasheet
15
April 20, 2016
Vin
I SENSE
LX
GND
ZLED7X30
D1
LED
String
(C3)
Rs
L1
33 to 220 µH
C2
0.1µF
DIM1
DIM2
GND/Floating
GND/Floating
C1
≥220µF
110/220 VAC
Switch
Halogen
Electronic
Transformer
D1
D2
D3
D4
Figure 3.3
ZLED7x30 Application Circuit using a Halogen Electronic Transformer to Operate with AC Line Supply
3.2
Thermal Considerations for Application Design
3.2.1
Temperature Effects of Load, Layout, and Component Selection
Do not exceed the package power dissipation limits by driving high load currents or by operating the chip at high
ambient temperatures. Power dissipation also increases if the efficiency of the circuit is low as could result from
selecting the wrong coil or from excessive parasitic output capacitance on the switch output. See the layout
guidelines in section 3.4.
3.2.2
Temperature Effects of Low Supply Voltage VIN
Until the supply input voltage on the VIN pin has risen above the internally-set startup threshold, the ZLED7x30’s
internal regulator disables the drive to the internal power MOSFET output switch. Above this threshold, the MOSFET
on-resistance is low enough for the chip to start to operate; however, if the supply voltage remains below the
specified minimum (8.5V), the duty cycle of the output switch will be high and the ZLED7x30 power dissipation will be
at a maximum. Avoid operating the ZLED7x30 under such conditions to reduce the risk of damage due to exceeding
the maximum die temperature. When driving multiple LEDs, their combined forward voltage drop is typically high
enough to prevent the chip from switching when VIN is below 8.5V, so there is less risk of thermal damage.
3.3
External Component Selection
Note: Also see section 3.4 for layout guidelines for the following external components.
3.3.1
Sense Resistor Rs
Table 3.1 gives values for Rs under normal operating conditions in the typical application shown in Figure 3.1. These
values assume that no dimming condition is valid. Under the conditions given the table, in order to maintain the switch
current below the maximum value specified in section 1
, 0.082Ω is the minimum value for Rs for the ZLED7030, 0.1Ω
for the ZLED7330, 0.13
Ω for the ZLED7530 and 0.27Ω for the ZLED7730.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com