Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC1750 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC1750 Datasheet HTML 35Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 36Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 37Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 38Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 39Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 40Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 41Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 42Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
39
April 20, 2016
3.3.4.5
Register “funcDis” – Disabling VDDP Reset and STO Output Pin
Table 3.8
Register funcDis
Name
Address
Bits
Default
Access
Description
disVddpRst
B9HEX
[0]
0BIN
RW
When set to 1, VddpReset does not generate a
MCU_RSTN signal to reset the external
microcontroller.
disStoOut
[1]
0BIN
RW
When set to 1, the output driver of the STO pin is
disabled.
Unused
[7:2] 000000BIN
RO
Unused; always write as 0.
3.4
SBC Watchdog Timer (WD_TIMER Block)
The SBC contains a configurable watchdog timer (down counter) for the ZSSC1750/51 when it is running using
the clock from the low-power oscillator. It is used to recover from an invalid software or hardware state. To avoid
a reset of the system, the watchdog must be periodically serviced. The only part of the system that will not be
reset by the watchdog reset is the watchdog itself and its configuration registers.
Figure 3.2
Structure of the Watchdog Timer
Configurable
Prescaler
1 : 1
1 : 125
1 : 1250
1 : 12500
lpClk
(125 kHz)
16-Bit Down
Counter
wdogPrescaleCfg
(register file)
==
0?
&
set
wdogCnt (register file)
wdIrq (IRQ ctrl)
wdogIrqFuncEna (register file)
wdRst (RstCtrl)
&
set
O
R
By default, the watchdog timer is active starting with a counter value of FFFFHEX and a prescaler of 125. This is
done to guarantee that the boot code of the external microcontroller has enough time to finish. During the
initialization phase of the system, the user’s software can disable, reconfigure, and restart the watchdog.
Disabling the watchdog before configuration is required as all write accesses to the register wdogPresetVal
and the register wdogCfg except the bits wdogLock and wdogEna (see Table 3.12) are blocked when the
watchdog is active. As it takes multiple low-power clock cycles until the enable signal is evaluated inside the
watchdog clock domain, the SSW[7] bit (wdActive) must be checked to determine if write accesses are
possible. To avoid any malfunction during reconfiguration, the prescaler registers are set to 0 and the counter
register is set to FFFFHEX at disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com