Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC1750 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC1750 Datasheet HTML 9Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 10Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 11Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 12Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 13Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 14Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 15Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 16Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
No.
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
1.3.39.
Current offset
1)
IBAT_offset
Chop on,
gain = 512,
Rshunt = 100µΩ
10
mA
1.3.40.
Resolution
1)
IRES
Chop on,
gain = 512,
Rshunt = 100µΩ
1
mA
Voltage Channel
1.3.41.
Input signal range (at VBAT pin)
1)
RangeV
Resistive
divider (1:24)
0
28.8
V
1.3.42.
Input measurement range
1)
Rangemeas_V
Resistive
divider (1:24)
3.6
28.8
V
1.3.43.
Input valid range for ADC
1)
RangeADC_V
Resistive
divider (1:24)
0.15
1.2
V
1.3.44.
Voltage resistive divider ratio
1)
RatioV
24
1.3.45.
Resistor divider mismatch drift
1)
Ratio_misdrift_v
±3
ppm/
ºC
1.3.46.
Conversion rate
1), 2)
RateV
Programmable
1
16000
Hz
1.3.47.
Oversampling ratio
(Sinc
4 decimation filter) 1)
OSRV
Programmable
32
256
1.3.48.
No missing codes
1)
NMCV
18
Bits
1.3.49.
Integral nonlinearity
1), 3)
INLV
Maximum input
range
±10
±60
ppm of
FSR
4)
1.3.50.
Total gain error
1)
(includes resistor divider
mismatch)
errPGA_V
-0.25
0.25
%
1.3.51.
Gain drift
1)
err_driftPGA_V
±3
ppm/°C
1.3.52.
Offset error after calibration:
Normal Mode
1)
VOFFSET_V
Chop on
external short
(1.25V)
200
µV
Chop off
external short
(1.25V)
1
mV
1.3.53.
Offset error drift
1)
VOFFSET_DRIFT_V Chop on
±10
µV/°C
Chop off
±20
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com