Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC1750 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC1750 Datasheet HTML 1Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 2Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 3Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 4Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 5Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 6Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 7Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 8Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 117 page
background image
Data Acquisition
System Basis Chip
ZSSC1750 / ZSSC1751
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
MCU_CLK
IRQN
VDDP
VDDC
ZSSC1750/51 Analog Front End SBC
Common
Ground
PGA
MUX
VBAT
LIN
VDDP_REG
BG_REF
WD_TIMER
VDDC_REG
OSC
GP_TIMER
LP_REG
VDDA_REG
DIGITAL
FILTER
CONFIG
REGISTER
RESULT
REGISTER
DIGITAL
FILTER
CALIBRATION
DATA PATH
SHUNT
+
–
BATTERY
SD_ADC
SD_ADC
RREF
NTC
LIN_PHYS
(1)
RXD
TXD
CSN
SCLK
MISO
MOSI
VDDE
VDDA
INP
INN
VBAT
NTH
LIN
Analog
Block
Digital
Block
SBC_PMU
MCU_RSTN
SLEEPN
IRQ_CTRL
SPI
WDT_DIS
1) Available in ZSSC1750 only
NTL
Applications
• Intelligent battery monitoring in
automotive applications; start/stop
systems, e-bikes, scooters, and e-carts
• Battery monitoring in Industrial, medical
and photovoltaic applications;
• High precision data acquisition
ZSSC1750/51 Block Diagram
Rbat
100
Ω
Rinn
220
Ω
Rinp
220
Ω
Rdde
2.2
Ω
VDDE
INN
VSSE
VSSA
INP
TRSTN
VDDA
NTH
VBAT
LIN
VSSA
TMS
TCK
STO
TESTL
TESTH
VSSLIN
VSSN
rxd
txd mcu_rstn irqn
csn
sclk
mosi
Cin
100nF
Cddl
10nF
Rshunt
100µ
Ω
Cntc
470pF
Ddde
BAS21
Rref
75k
Ω
Rntc
10k
Ω
Cdda
470nF
Cinn
10nF
Cinp
10nF
Cdde1
10µF
Cbat
100nF
n.c
.
RXD
Chassis
GND
BAT+
BAT-
tck
tms
trstn
n.c.
sto
ZSSC1750
Cdde2
100nF
NTL
Cddp
2.2µF
Cddc
2.2µF
MCU_CLK
WDT_DIS
wdt_dis
mcu_clk
miso
Clin
220pF
LIN
ZSSC1750 Typical Application Circuit
1
Rbat
100
Ω
Rinn
220
Ω
Rinp
220
Ω
Rdde
2.2
Ω
VDDE
INN
VSSE
VSSA
INP
TRSTN
VDDA
NTH
VBAT
NC
VSSA
TMS
TCK
STO
TESTL
TESTH
VSS
VSSN
open
mcu_rstn irqn
csn
sclk
mosi
Cin
100nF
Cddl
10nF
Rshunt
100µ
Ω
Cntc
470pF
Ddde
BAS21
Rref
75k
Ω
Rntc
10k
Ω
Cdda
470nF
Cinn
10nF
Cinp
10nF
Cdde1
10µF
Cbat
100nF
n.c
.
NC
Chassis
GND
BAT+
BAT-
tck
tms
trstn
n.c.
sto
ZSSC1751
Cdde2
100nF
NTL
Cddp
2.2µF
Cddc
2.2µF
MCU_CLK
WDT_DIS
wdt_dis
mcu_clk
miso
ZSSC1751 Typical Application Circuit
NC
VDDP
1
Ordering Information
Product Sales Code
Description
Package
ZSSC1750EA3R
ZSSC1750 Battery Sensing SBC—Temperature Range: -40°C to 125°C
PQFN36 6x6 mm, reel
ZSSC1751EA3R
ZSSC1751 Battery Sensing SBC—Temperature Range: -40°C to 125°C
PQFN36 6x6 mm, reel
ZSSC1750KIT V1.1
ZSSC1750/51 Evaluation Kit: modular evaluation and development board for ZSSC1750/51, 3 IC samples, and
USB cable (software and documentation can be downloaded from www.IDT.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com