Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB2DF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB2DF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB3AB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PUSB3AB2DF
Extremely low clamping low capacitance ESD protection
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
-
6.6
-
V
IRM
reverse leakage current VRWM = 4 V; Tamb = 25 °C
-
1
50
nA
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.26
-
pF
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
-
0.23
-
pF
VCL
clamping voltage
ITLP = 4 A; Tamb = 25 °C
[1]
-
3.7
-
V
IR = 5 A; Tamb = 25 °C
[1]
-
0.3
-
Ω
Rdyn
dynamic resistance
IR = -5 A; Tamb = 25 °C
[1]
-
0.3
-
Ω
f-3dB
-3 dB cut-off frequency Tamb = 25 °C; normalized to attenuation
at 1 MHz
-
11.8
-
GHz
[1] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008.
aaa-030292
-4
-2
0
S21
(dB)
-6
f (Hz)
108
1011
1010
109
Fig. 3. Insertion loss; typical values
VI (V)
-4
4
2
-2
0
aaa-030293
0.4
0.8
1.2
a
0
Fig. 4. Relative capacitance as a function of input
voltage; typical values
PUSB3AB2DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
22 November 2019
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com