Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB2DF Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB2DF Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PUSB3AB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
PUSB3AB2DF
Extremely low clamping low capacitance ESD protection
VCL (V)
0
20
16
8
12
4
aaa-030294
10
20
30
IPP
(A)
0
tr = 1 ns
tp = 100 ns; Transmission Line Pulse (TLP)
Fig. 5. Dynamic resistance with positive clamping;
typical values
VCL (V)
-20
0
-4
-12
-8
-16
aaa-030295
-20
-10
0
IPP
(A)
-30
tr = 1 ns
tp = 100 ns; Transmission Line Pulse (TLP)
Fig. 6. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
30
20
10
aaa-030296
20
40
60
IPP
(A)
0
tr = 600 ps
tp = 5 ns; Very-Fast Transmission Line Pulse (VF-
TLP)
Fig. 7. Dynamic resistance with positive clamping;
typical values
VCL (V)
-30
0
-10
-20
aaa-030297
-40
-20
0
IPP
(A)
-60
tr = 600 ps
tp = 5 ns; Very-Fast Transmission Line Pulse (VF-
TLP)
Fig. 8. Dynamic resistance with negative clamping;
typical values
PUSB3AB2DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
22 November 2019
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com