Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB2DF Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB2DF Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3AB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PUSB3AB2DF
Extremely low clamping low capacitance ESD protection
22 November 2019
Product data sheet
1. General description
Symmetrical bidirectional ElectroStatic Discharge (ESD) protection diode array, part of the TrEOS
protection family. This device is housed in a DFN0603-3 (SOT8013) leadless ultra small Surface-
Mounted Device (SMD) package designed to protect two signal lines from the damage caused by
ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of two lines
• Very low diode capacitance Cd = 0.26 pF
• Extremely low clamping to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• ESD protection up to ±20 kV according to IEC 61000-4-2
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-4
-
4
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.26
-
pF


Similar Part No. - PUSB3AB2DF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
PUSB3AB4Z NEXPERIA-PUSB3AB4Z  Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
logo
NXP Semiconductors
PUSB3AB4 PHILIPS-PUSB3AB4_15 Datasheet
411Kb / 9P
ESD protection for ultra high-speed interfaces
Rev. 1-25 August 2015
logo
Nexperia B.V. All right...
PUSB3AB4 NEXPERIA-PUSB3AB4_V01 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
More results

Similar Description - PUSB3AB2DF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Z2BCDF NEXPERIA-PESD4V0Z2BCDF Datasheet
290Kb / 12P
Extremely low clamping low capacitance ESD protection
17 August 2020
PESD5V0C2BDF NEXPERIA-PESD5V0C2BDF Datasheet
274Kb / 12P
Extremely low clamping low capacitance ESD protection
23 July 2020
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
1Mb / 15P
Extremely low clamping low capacitance ESD protection
3 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com