Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3CB4 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3CB4
Description  Extremely low capacitance bidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3CB4 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3CB4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3CB4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PUSB3CB4
Extremely low capacitance bidirectional ESD protection
diode array
8 August 2023
Short data sheet
1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection for four signal lines
• VRWM = 3.3 V device
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low clamping voltage: 5.4 V for 6.5 A 8/20 µs surge
• IEC 61000-4-4 robust up to 40 A into a 50 Ohm termination (2 kV)
• IEC 61000-4-5 (surge): IPP = 8.2 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.19 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 and HDMI2.1 data lines
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-3.3
-
3.3
V
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
[1]
-
0.19
0.23
pF
[1] Measured on pin 1


Similar Part No. - PUSB3CB4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3AB2DF NEXPERIA-PUSB3AB2DF Datasheet
221Kb / 11P
Extremely low clamping low capacitance ESD protection
22 November 2019
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
PUSB3AB4Z NEXPERIA-PUSB3AB4Z  Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
logo
NXP Semiconductors
PUSB3AB4 PHILIPS-PUSB3AB4_15 Datasheet
411Kb / 9P
ESD protection for ultra high-speed interfaces
Rev. 1-25 August 2015
More results

Similar Description - PUSB3CB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com